Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA2003 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGA2003
Description  Silicon MMIC amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2003 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGA2003 Datasheet HTML 1Page - NXP Semiconductors BGA2003 Datasheet HTML 2Page - NXP Semiconductors BGA2003 Datasheet HTML 3Page - NXP Semiconductors BGA2003 Datasheet HTML 4Page - NXP Semiconductors BGA2003 Datasheet HTML 5Page - NXP Semiconductors BGA2003 Datasheet HTML 6Page - NXP Semiconductors BGA2003 Datasheet HTML 7Page - NXP Semiconductors BGA2003 Datasheet HTML 8Page - NXP Semiconductors BGA2003 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Jul 23
5
Philips Semiconductors
Product specification
Silicon MMIC amplifier
BGA2003
VS-OUT = 2.5 V.
(1) ICTRL = 0.2 mA.
(2) ICTRL = 0.4 mA.
(3) ICTRL = 1.0 mA.
(4) ICTRL = 1.5 mA.
(5) ICTRL = 2.0 mA.
(6) ICTRL = 2.5 mA.
handbook, halfpage
−40
0
40
120
30
0
20
25
MGS540
80
15
10
5
Tamb (°C)
IVS-OUT
(mA)
(2)
(3)
(4)
(5)
(6)
(1)
Fig.6
Bias current (IVS-OUT) as a function of the
ambient temperature with ICTRL as
parameter; typical values.
handbook, halfpage
0
20
10
15
5
0
15
MGS541
23
4
VVS-OUT (V)
IVS-OUT
(mA)
Fig.7
Bias current (IVS-OUT) as a function of the
voltage at the output pin (VVS-OUT); typical
values.
ICTRL = 1 mA.
handbook, halfpage
010
20
25
0
20
MGS542
30
15
10
5
IVS-OUT (mA)
fT
(GHz)
Fig.8
Transition frequency as a function of the
bias current (IVS-OUT); typical values.
VVS-OUT = 2.5 V; f = 1000 MHz.
handbook, halfpage
010
15
25
gain
(dB)
30
0
25
MGS543
20
5
20
15
10
5
IVS-OUT (mA)
Gmax
GUM
MSG
Fig.9
Gain as a function of the bias current
(IVS-OUT); typical values.
VVS-OUT = 2.5 V; f = 900 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com