Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECG014B Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # ECG014B
Description  0.2 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG014B Datasheet(HTML) 7 Page - WJ Communication. Inc.

  ECG014B Datasheet HTML 1Page - WJ Communication. Inc. ECG014B Datasheet HTML 2Page - WJ Communication. Inc. ECG014B Datasheet HTML 3Page - WJ Communication. Inc. ECG014B Datasheet HTML 4Page - WJ Communication. Inc. ECG014B Datasheet HTML 5Page - WJ Communication. Inc. ECG014B Datasheet HTML 6Page - WJ Communication. Inc. ECG014B Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 7 June 2005
AH110 / ECG014
0.2 Watt, High Linearity InGaP HBT Amplifier
Product Information
ECG014B (SOT-89 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance, Rth (1)
128
° C / W
Junction Temperature, Tjc (2)
149
° C
Notes:
1. The thermal resistance is referenced from the junction-
to-case at a case temperature of 85
° C.
2. This corresponds to the typical biasing condition of
+5V, 100 mA at an 85
° C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 247
° C.
Product Marking
The component will be marked with an “E014”
designator with an alphanumeric lot code on the
top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235
° C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com