Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9148-26 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9148-26
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-26 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9148-26 Datasheet HTML 9Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 10Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 11Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 12Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 13Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 14Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 15Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 16Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ICS9148-26
Electrical Characteristics - 24M, 48M, REF 1
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP5
1
VO = VDD*(0.5)
20
60
W
Output Impedance
RDSN5
1
VO = VDD*(0.5)
55
100
W
Output High Voltage
VOH5
IOH = -14 mA
2.4
2.9
V
Output Low Voltage
VOL5
IOL = 6.0 mA
0.25
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-42
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
10
18
mA
Rise Time
tr5
1
VOL = 0.8 V, VOH = 2.4 V
1.1
2.0
nS
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.8 V
1.0
2.5
nS
Duty Cycle
dt5
1
VT = 1.5 V
40.0
52.0
60.0
%
Jitter
tj1s5
1
VT = 1.5 V
100
250
pS
tjabs5
1
VT = 1.5 V
250
800
pS
1
Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com