Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9212-13 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9212-13
Description  Direct Rambus™ Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9212-13 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9212-13 Datasheet HTML 1Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 2Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 3Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 4Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 5Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 6Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 7Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
Features
ICS9212-13
0272F—08/08/07
Block Diagram
Direct Rambus™ Clock Generator
Pin Configuration
The ICS9212-13 is a High-speed clock generator providing
up to 600 MHz differential clock source for direct Rambus
™
memory system. It includes DDLL (Distributed Delay
locked loop) and phase detection mechanism to
synchronize the direct Rambus
™ channel clock to an
external system clock. ICS9212-13 provides a solution for
a broad range of Direct Rambus memory applications. The
device works in conjunction with the ICS9250-09.
The ICS9212-13 power management support system
turns “off” the Rambus
™ channel clock to minimize power
consumption for mobile and other power–sensitive
applications. In “clock off” mode the device remains “on”
while the output is disabled, allowing fast transitions
between clock-off and clock–on states. In “power down”
mode it completely powers down for minimum power
dissipation.
The ICS9212-13 meets the requirements for input frequency
tracking when the input frequency clock is using Spread
Spectrum clocking and also the optimum bandwidth is
maintained while attenuating the jitter of the reference
signal.
24-Pin 150 Mil SSOP
•
Compatible with all Direct Rambus™ based IC s
•
Up to 600 MHz differential clock source for direct
Rambus™ memory system
•
Cycle to cycle jitter is less than 40ps
•
3.3 + 5% supply
•
Synchronization flexibility: Supports Systems that
need clock domains of Rambus channel to
synchronize with system or processor clock, or
systems that do not require synchronization of the
Rambus clock to another system clock
•
Excellent power management support
•
REFCLK input is from the ICS9250-09.
BUSCLK_STOP#
PLL
Phase
Aligner
Pclk/M
Multi(0:1)
Synclk/N
PD#
FS(0:1)
Refclk
Test MUX
Bypass MUX
Bypclk
PLLclk
GND
GND
2
PAclk
BUSCLKT
BUSCLKC
B
A
Phase
Detector
VDDREF
REFCLK
VDD1
GND1
GND3
PCLK/M
SYNCLK/N
GND2
VDD2
VDDPD
BUSCLK_STOP#
PD#
FS0
FS1
VDD-OUT
GND-OUT
BUSCLKT
N/C
BUSCLKC
GND-OUT
VDD-OUT
MULTI0
MULTI1
FS2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - ICS9212-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
More results

Similar Description - ICS9212-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Texas Instruments
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
DIRECT RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
logo
Renesas Technology Corp
ICS9212-03 RENESAS-ICS9212-03 Datasheet
138Kb / 7P
Direct Rambus™ Clock Generator
05/24/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com