Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECG040 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECG040
Description  InGaP HBT Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG040 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECG040 Datasheet HTML 1Page - WJ Communication. Inc. ECG040 Datasheet HTML 2Page - WJ Communication. Inc. ECG040 Datasheet HTML 3Page - WJ Communication. Inc. ECG040 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 April 2006
ECG040
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Product Features
• DC – 4 GHz
• +18.5 dBm P1dB at 1 GHz
• +35 dBm OIP3 at 1 GHz
• 16 dB Gain at 1 GHz
• 5.5 dB Noise Figure
• Available in Lead-free / green
SOT-89 Package Style
• Internally matched to 50 Ω
Applications
• Mobile Infrastructure
• CATV / FTTX
• W-LAN / ISM
• RFID
• WiMAX / WiBro
Product Description
The ECG040 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 1 GHz, the ECG040B typically provides 15.8
dB of gain, +35 dBm Output IP3, and +18.5 dBm P1dB.
The ECG040 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation. The device is
ideal for wireless applications and is available in a low-
cost, surface-mountable lead-free/green/RoHS-compliant
SOT-89 package. All devices are 100% RF and DC tested.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the ECG040 will work for other various applications within
the DC to 4 GHz frequency range such as CATV and
mobile wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
4000
Test Frequency
MHz
1000
Gain
dB
15.8
Output P1dB
dBm
+18.5
Output IP3
(2)
dBm
+35
Test Frequency
MHz
2000
Gain
dB
12.8
15.3
Input Return Loss
dB
22
Output Return Loss
dB
16
Output P1dB
dBm
+18
Output IP3
(2)
dBm
+35
Noise Figure
dB
5.5
Device Voltage
V
4.8
Device Current
mA
70
1. Test conditions unless otherwise noted: 25 ºC, Supply Voltage = +6 V, Rbias = 16
Ω, 50 Ω System.
2. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
RF Input Power (continuous)
+12 dBm
Device Current
130 mA
Junction Temperature
+250
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
16.0
15.8
15.3
15.1
S11
dB
-24
-24
-23
-21
S22
dB
-27
-23
-16
-16
Output P1dB
dBm
+18.5
+18.5
+18
+19
Output IP3
(2)
dBm
+35.5
+35
+34.5
+30.5
Noise Figure
dB
4.6
5.5
5.8
3.8
Ordering Information
Part No.
Description
ECG040B-G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 package)
ECG040B-PCB
700 –2400 MHz Fully Assembled Eval. Board


Similar Part No. - ECG040

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG040 WJCI-ECG040 Datasheet
207Kb / 4P
InGaP HBT Gain Block
ECG040B-G WJCI-ECG040B-G Datasheet
207Kb / 4P
InGaP HBT Gain Block
ECG040B-PCB WJCI-ECG040B-PCB Datasheet
207Kb / 4P
InGaP HBT Gain Block
ECG040 WJCI-ECG040_07 Datasheet
207Kb / 4P
InGaP HBT Gain Block
More results

Similar Description - ECG040

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
InGaP HBT Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com