Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2011UTF205NB2 Datasheet(PDF) 3 Page - ITT Industries

Part # H2011UTF205NB2
Description  4 & 6 Tumbler Power Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

H2011UTF205NB2 Datasheet(HTML) 3 Page - ITT Industries

  H2011UTF205NB2 Datasheet HTML 1Page - ITT Industries H2011UTF205NB2 Datasheet HTML 2Page - ITT Industries H2011UTF205NB2 Datasheet HTML 3Page - ITT Industries H2011UTF205NB2 Datasheet HTML 4Page - ITT Industries H2011UTF205NB2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M–41
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
LOCK TYPE
LOCK FINISH
TERMINATIONS
1.635 (4 TUMBLER)
(41, 52)
.798
(20, 26)
.775
(19, 68)
NICKEL PLATED BRASS KEY
Key part number: 115140126
1.766 (4 TUMBLER)
(44, 85)
.948
(24, 07)
.775
(19, 68)
NICKEL PLATED BRASS KEY WITH
PLASTIC INSERT MOLDED SQUARE HEAD
Key part number: 11599112602
1.289
(32,74)
.902
(22,91)
.871
(22,12)
Code number
on opposite
side of key.
CHROME PLATED ZINC ALLOY KEY
Key part number: 363C1AAAA
WC
WIRE LEAD
05
.110" QUICK CONNECT
2
STAINLESS STEEL FACING
V
6 TUMBLER TUBULAR LOCK
F
4 TUMBLER LOCK WITH ADDED DETENT
8
GLOSS BLACK FACING
Available with
V lock type only.
Black wire standard, other colors, gages and
lengths available, consult Customer Service
Center. UL style 1015.
NOTE: All orders keyed alike, standard. For more than one key code, replacement keys,
or other special features, consult Customer Service Center.
NO
YES
1 NICKEL PLATED BRASS KEY WITH
PLASTIC INSERT MOLDED SQUARE
HEAD & 1 NICKEL PLATED BRASS KEY
T
NO
YES
2 NICKEL PLATED BRASS KEYS
(4 TUMBLER) OR 2 CHROME PLATED
ZINC ALLOY KEYS (6 TUMBLER)
2
CODE NO.
ON LOCK
CODE NO.
ON KEY
KEY OPTIONS
OPTION
CODE
BLACK
2
NICKEL PLATED BRASS
(4 TUMBLER) OR CHROME PLATED
ZINC ALLOY (6 TUMBLER)
NONE
KEY COLOR
OPTION
CODE
C&K H Series
4 & 6 Tumbler Power Switchlocks
KEYING
NOTE: Key head shape subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com