Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG112 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # VG112
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG112 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  VG112 Datasheet HTML 1Page - WJ Communication. Inc. VG112 Datasheet HTML 2Page - WJ Communication. Inc. VG112 Datasheet HTML 3Page - WJ Communication. Inc. VG112 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4
May 2006
VG112
PCS/UMTS-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
2140 MHz Application Circuit Performance
Performance using the circuitry on the VG112-PCB Evaluation Board
• The center of C5 should be placed 5mm (.197”) away from the edge of the VG112.
• The input trace is a high impedance line and is needed to get a good input match into the VGA.
• The board is optimized for performance at 2140 MHz. Performance at 1960 MHz can be
optimized by replacing C5 with 2.7 pF at location A on the WJ VG112 evaluation board.
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
Ref. Des.
Description
Size
C1, C7, C10 47 pF Chip Capacitor
0603
C2, C3, C4,
C8, C9
1000 pF Chip Capacitor
0603
C5
2.4 pF Chip Capacitor
0603
C6
3.3
μF Chip Capacitor
0805
L1, L2
18 nH Chip Inductor
0603
R1
220
Ω Chip Resistor
0603
R3
75
Ω Chip Resistor
0603
R2, R4
0
Ω Chip Resistor
0603
U1
VG112-G VGA
QFN 6x6
S21 vs. Frequency
Vctrl=0V (Maximum Gain Setting)
18
20
22
24
26
28
1800
1900
2000
2100
2200
Frequency (MHz)
-40 °C
+25 °C
+85 °C
S11 vs. Frequency
Vctrl=0V (Maximum Gain Setting)
-25
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
Frequency (MHz)
-40 °C
+25 °C
+85 °C
S22 vs. Frequency
Vctrl=0V (Maximum Gain Setting)
-25
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
Frequency (MHz)
-40 °C
+25 °C
+85 °C
S21 vs. Frequency vs. Control Voltage
-10
0
10
20
30
1800
1900
2000
2100
2200
Frequency (MHz)
Vctrl=0.00V
Vctrl=0.73V
Vctrl=1.06V
Vctrl=1.52V
Vctrl=2.20V
Vctrl=4.50V
S11 vs. Frequency vs. Control Voltage
-25
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
Frequency (MHz)
Vctrl=0.00V
Vctrl=0.73V
Vctrl=1.06V
Vctrl=1.52V
Vctrl=2.20V
Vctrl=4.50V
S22 vs. Frequency vs. Control Voltage
-25
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
Frequency (MHz)
Vctrl=0.00V
Vctrl=0.73V
Vctrl=1.06V
Vctrl=1.52V
Vctrl=2.20V
Vctrl=4.50V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com