Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG101-PCB Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # VG101-PCB
Description  Cellular-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG101-PCB Datasheet(HTML) 1 Page - WJ Communication. Inc.

  VG101-PCB Datasheet HTML 1Page - WJ Communication. Inc. VG101-PCB Datasheet HTML 2Page - WJ Communication. Inc. VG101-PCB Datasheet HTML 3Page - WJ Communication. Inc. VG101-PCB Datasheet HTML 4Page - WJ Communication. Inc. VG101-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 5
June 2005
VG101
Cellular-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
Product Features
• 750 – 1000 MHz bandwidth
• 28 dB Attenuation Range
• +40 dBm Output IP3
• +22 dBm P1dB
• Constant IP3 & P1dB over
attenuation range
• Single voltage supply
• Pb-free 6mm 28-pin QFN package
• MTTF > 1000 years
Applications
• Xmit & Rcv AGC circuitry for
mobile infrastructure
Product Description
The VG101 is a cellular-band high dynamic range
variable gain amplifier (VGA) packaged in a low
profile
Pb-free
/
RoHS-compliant
surface-mount
leadless package that measures 6 x 6 mm square.
The +22 dBm output compression point and +40
dBm output intercept point of the amplifier are
maintained over the entire attenuation range, making
the VG101 ideal for use in transmitter and receiver
AGC circuits and as a variable gain stage following
an LNA in high dynamic range receiver front ends.
Superior thermal design allows the product to have a
minimum MTTF rating of 1000 years at a mounting
temperature of +85 ºC. All devices are 100% RF &
DC tested and packaged on tape and reel for
automated surface-mount assembly.
Functional Diagram
Function
Pin No
Gain Control
5
No Connect
7, 19
RF Input
11
Interstage Match
21
RF Output / DC bias
25
Ground
All other pins
Backside copper
Specifications
(1)
Parameter
Units
Min
Typ
Max
Conditions
Operational Bandwidth
MHz
750
1000
Test Frequency
MHz
900
See note 1
Gain at min. attenuation
dB
15
16
Input Return Loss
dB
12
Output Return Loss
dB
10
Output P1dB
dBm
+22
Output IP3
dBm
+37
+40
See note 2
Noise Figure at min. attenuation
dB
3
VCTRL = 0 V
Gain Variation Range
dB
25.5
28.7
33.5
See note 3
Gain Variation Control Voltage, VCTRL
V
0
4.5
See note 1
Group Delay
ns
1
Frequency = 900 MHz
Supply Voltage
V
+5
Operating Amplifier Current Range
mA
120
150
180
Pin 25
Gain Control Pin Current
mA
20
VCTRL = 4.5 V. See note 1.
1. Test conditions unless otherwise noted: 25ºC, Vdd = +5 V in a tuned application circuit. Vctrl is the control voltage through a BJT transistor and a 100
Ω dropping resistor as shown in the same application circuit.
2. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. The gain variation range is measured as the difference in gain with Vctrl = 0V and Vctrl = 4.5V at 0.9 GHz.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Amplifier Supply Voltage (pin 25)
+6 V
Pin 5 (Gain Control) Current
30 mA
RF Input Power (continuous)
+12 dBm
Junction Temperature
+220
°C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
VG101*
Cellular-band Variable Gain Amplifier
(tin-lead 6mm QFN package)
VG101-F
Cellular-band Variable Gain Amplifier
(lead-free/RoHS-compliant QFN package)
VG101-PCB
Fully Assembled Application Board
*
This package is being phased out in favor of the lead-free/RoHS-compliant package type which is
backwards compatible for existing designs. Refer to WJPCN06MAY05TC1 on the WJ website.
8
9
10
11
12
13
14
28
27
26
25
24
23
22
7
6
5
4
3
2
1
15
16
17
18
19
20
21
GND
GND
GND
RF OUT
GND
GND
GND
GND
GND
GND
RF IN
GND
GND
GND
Variable
Attenuator
Amp


Similar Part No. - VG101-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG111 WJCI-VG111 Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG111-F WJCI-VG111-F Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
VG111-F WJCI-VG111-F Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG111-PCB1900 WJCI-VG111-PCB1900 Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
More results

Similar Description - VG101-PCB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
WJ Communication. Inc.
VG111 WJCI-VG111 Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
PCS/UMTS-band Variable Gain Amplifier
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
Ka-Band Variable Gain Driver Amplifier
TGA4541-SM TRIQUINT-TGA4541-SM_15 Datasheet
974Kb / 14P
Ka Band Variable Gain Driver Amplifier
logo
Analog Devices
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
E-Band Variable Gain Amplifier
4/2017-Rev. A to Rev. B
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
E-Band Variable Gain Amplifier
Feb-2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com