Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG025-PCB2000 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # VG025-PCB2000
Description  High Linearity Variable Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG025-PCB2000 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  VG025-PCB2000 Datasheet HTML 1Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 2Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 3Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 4Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 5Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 6Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 7
January 2006
VG025
High Linearity Variable Gain Amplifier
Product Information
The Communications Edge
TM
Product Features
• Tunable within 50 – 2200 MHz
• 21 dB Attenuation Range
• Constant +40 dBm OIP3 and +21
dBm P1dB over all gain settings
• Single +5V Supply Voltage
• 16-pin 4x4mm lead-free/green/
RoHS-compliant QFN Package
• MTTF > 1000 years
Applications
• AGC circuitry
• Temperature compensation circuits
• DCS/PCS, cdma2000TM,W-CDMA
Product Description
The VG025 is a high dynamic range variable gain
amplifier (VGA) capable of achieving an analog
attenuation range of up to 21 dB. The +21 dBm output
compression point and +40 dBm output intercept point
of the amplifier are maintained over the entire
attenuation range, making the VG025 ideal for use in
temperature compensation circuits or AGC loops.
The VG025 is available in a lead-free/green/RoHS-
compliant 16-pin 4x4mm QFN surface-mount package
with an exposed backside paddle to allow an MTTF
rating of over 1000 years at a mounting temperature of
+85º C. All devices are 100% RF & DC tested and
packaged on tape and reel for automated surface-mount
assembly.
Functional Diagram
Function
Pin Number
RF Input
4
Gain Control
8
Interstage Match
6, 10
RF Output / DC bias
12
No Connect or GND
All other pins
Ground
Backside slug
Specifications
(1)
Parameter
Units Min
Typ
Max
Operational Bandwidth
MHz
50
2200
Test Frequency
MHz
800
Gain (2)
dB
13.5
15
Input Return Loss (2)
dB
6.3
Output Return Loss (2)
dB
7.6
Output P1dB
dBm
21.3
Output IP3 (3)
dBm
37
39
Noise Figure (2)
dB
5.3
Gain Variation Range (4)
dB
16
21
24
Gain Variation Control Voltage(5)
V
0
4.5
Supply Voltage
V
5
Operating Current Range
mA
120
150
180
Gain Control Pin Current
mA
26
28
1. Test conditions unless otherwise noted: 25ºC, Vsupply = +5 V, in tuned application circuit. Vctrl
is the control voltage through the 120
Ω dropping resistor as shown in the application circuit on page 2.
2. Specifications refer to the device at the maximum gain setting (Vctrl=0V). The input and output
return loss will be dramatically improved with an attenuation setting greater than 1 dB.
3. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
4. The gain variation range is measured as the difference in gain with Vctrl = 0 and 4.5V at 800 MHz.
5. This voltage refers to the VCTRL as shown in the circuit schematic on page 2. There should be a
series resistance of 120Ω between the control voltage and pin 8 for proper operation.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Amplifier Supply Voltage (pin 12)
+6 V
Pin 8 (Gain Control) Current
30 mA
RF Input Power (continuous)
4 dB above Input P1dB
Junction Temperature
+220
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
240
800
1960
2140
Gain (2)
dB
15.4
15
8.4
8.4
Input Return Loss (2)
dB
11
6.3
12
11
Output Return Loss (2)
dB
11
7.6
6.5
5.6
Output P1dB
dBm
21.8
21.3
22
22
Output IP3 (3)
dBm
42
39
40
40
Noise Figure (2)
dB
4.5
5.3
8.1
8.2
Gain Variation Range
dB
20
21
14
13
Ordering Information
Part No.
Description
VG025-G
High Linearity Variable Gain Amplifier
(lead-free/green/RoHS-compliant 4x4mm QFN package)
VG025-PCB240
240 MHz Evaluation Board
VG025-PCB800
800 MHz Evaluation Board
VG025-PCB2000 1.7 – 2.2 GHz Evaluation Board
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
RF OUT
N/C
Interstage
Match
N/C
N/C
N/C
N/C
RF IN


Similar Part No. - VG025-PCB2000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG025-PCB2000 WJCI-VG025-PCB2000 Datasheet
425Kb / 7P
High Linearity Variable Gain Amplifier
More results

Similar Description - VG025-PCB2000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
High Linearity Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
W High Linearity Variable Gain Amplifier
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
High Linearity Variable Gain Amplifier
logo
RF Micro Devices
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
ALM-81224 AVAGO-ALM-81224 Datasheet
664Kb / 23P
High Linearity 1450 ??2750 MHz Variable Gain Amplifier
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
Variable Gain Low Noise High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-81224 BOARDCOM-DEMO-ALM-81224 Datasheet
664Kb / 23P
High Linearity 1450 ??2750 MHz Variable Gain Amplifier
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com