Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MRAM-002-01MT7AD Datasheet(PDF) 2 Page - Amphenol Aerospace Operations

Part # 2MRAM-002-01MT7AD
Description  Positive-Locking Push-Pull Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

2MRAM-002-01MT7AD Datasheet(HTML) 2 Page - Amphenol Aerospace Operations

  2MRAM-002-01MT7AD Datasheet HTML 1Page - Amphenol Aerospace Operations 2MRAM-002-01MT7AD Datasheet HTML 2Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2M Ram-Lock Push-Pull Crimp Connectors
Ordering Guide for 2MRAM-001, 002, 003, 004
*For single master
key omit (leave blank)
*add "-501" as a suffix to the Jam Nut Part number
to include a Hex Nut instead of a Spanner Nut.
B°
A°
Receptacle View
A°
B°
Plug View
1.
2.
3.
4.
5.
6.
7.
SERIES
SHELL
STYLE
SERVICE
CLASS
SHELL SIZE-INSERT
ARANGEMENT
CONTACTS KEYING
SUFFIX
2MRAM-00X
-06
ZNU
6-7
P
A
2. SHELL STYLE
Part #
Desciption
RECEPTACLE
-06
Receptacle
RECEPTACLE
-00
Jam Nut* for Front Panel
-01
In-Line
-07
Jam Nut* for Rear Panel
PCB/SOLDER PLUGS
-00
Jam Nut* for Front
Panel Mounting
-07
Jam Nut* Rear
Panel Mounting
PCB/SOLDER RECEPTACLES
-00
Jam Nut for Front
Panel mounting
-07
Jam Nut for Rear
Panel Mounting
-02
Flange Mount, Rear Panel
3. SERVICE CLASS
Material
Part # Description
RoHS
C
Anodized
(Non-conductive)
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
M
Electroless Nickel
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
NF
Olive Drab
Cadmium
MT
Durmalon
(Ni PTFE)
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
ZN
Olive Drab Zinc
Nickel
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
ZNU
Black Zinc Nickel
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
BEN
Black Electroless
Nickel
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
Z1
Passivated
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
ZL
Electrolytic
Nickel
R o
HS
Am
phenol
U
/ 2002 / 95 /
E
1. SERIES
Type
Part #
Description
RECEPTACLE
2MRAM-
001
Receptacle with Integral
Backshell
2MRAM-
002
Receptacle with Accessory
Threads
PLUG
2MRAM-
003
Plug with Banding Platform
2MRAM-
004
Plug with Accessory
Threads
PCB/SOLDER PLUGS
2MRAM-
005
Plug w/ Epoxy
Potting
2MRAM-
020
Plug for Open Face
Immersion
2MRAM-
025
Plug with Standoff Flange
for Mechanical PCB Strain
Relief
PCB/SOLDER RECEPTACLES
2MRAM-
009
Receptacles with
Solder Cup or PCB
termination with Standard
Epoxy Potting
2MRAM-
021
Receptacles with Solder Cup
or PCB Termination with
Special Sealing for Open Face
(unmated) Water Immersion
Requirements. 100% Leak
Tested. To maintain a helium
leak rate of 1x10-4 cc/sec.
pressure differential from
-65°C to 175°C.
5. CONTACTS
Style Part # Description
P
Pin
S
Socket
A
Pin-Less Contacts
B
Socket-Less Contacts
PCB/SOLDER
P
Pin-PCB
S
Socket-PCB
E
Pin-Solder Cup
F
Socket-Solder Cup
6. KEYING*
Part #
A°
B°
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
4. SHELL SIZE-INSERT ARRANGEMENT
See Table on pages 7-20
EC
D
Micro38999
2
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com