Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR5000 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MPR5000
Description  EPC Class 0/1 and 0 with Integral UHF Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR5000 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MPR5000 Datasheet HTML 1Page - WJ Communication. Inc. MPR5000 Datasheet HTML 2Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-Protocol MPR 5000 RFID Card
EPC Class 0/1 and 0+ with Integral UHF Antenna
Compact
Efficient
Low Cost
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
WJ’s MPR 5000 RFID Card takes the mystery out of RFID. It’s simple to
use and works with any standard PCMCIA Type II slot—as found on most
laptop computers and many handheld computers and PDAs. It offers all
the breakthrough performance of the MPR 6000 and includes an
integrated antenna. This reader card is ideal for software developers and
anyone wanting to experiment with RFID technology. Each RFID Card
includes the analog RF, digital circuitry and embedded firmware required
for EPC Class 0 (read only), EPC Class 1 (read/write) and Class 0+
(read/write) operation. Plug it into any PC Card™ socket, load the driver
and operate it via a WJ GUI program. The standard PCMCIA control
interface coupled with a simple but powerful command set allows for fast
creation of custom API and host applications.
The integral antenna
provides a platform for software and system development for anyone
wanting to read/program tags and experiment with RFID technology. The
MPR 5000 is easy to use, affordable and allows reading tags anywhere.
Product Features
Multi Protocol
•
EPC Class 0 (read only)
•
EPC Class 1 (read & program)
•
Class 0+ (read & program)
•
Firmware Upgrade (UHF G2 & Others)
Communication Interfaces
•
Standard 68-Pin Parallel PCMCIA
•
Serial TTL Interfaces
Integral UHF Antenna
Extended PCMCIA Type II Package
FCC Part 15 Certified by WJ
•
FCC ID: NTTWJMPR5XXX
Just plug it in, install it and read tags...


Similar Part No. - MPR5000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
More results

Similar Description - MPR5000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000 Datasheet
538Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR7000 WJCI-MPR7000 Datasheet
602Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
logo
Hubbell Incorporated.
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
10 mA0 Volts Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com