Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR6000 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MPR6000
Description  EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR6000 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MPR6000 Datasheet HTML 1Page - WJ Communication. Inc. MPR6000 Datasheet HTML 2Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-Protocol MPR 6000 RFID Card
EPC Class 0/1 and 0+ in PCMCIA Type II Pkg.
Compact
Efficient
Low Cost
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
WJ’s MPR 6000 RFID Card provides breakthrough performance in a
standard PCMCIA Type II package. These readers represent a new level
for size, standards-based compatibility, ease of use and performance.
Each RFID Card includes the analog RF, digital circuitry and embedded
firmware required for EPC Class 0 and EPC Class 1 operation. The
modular design is flexible, and a simple firmware upgrade is all that is re-
quired to incorporate future standards like UHF Gen 2. The MPR 6000
leverages the common PCMCIA Type II PC Card™ standard for ease of
use. Plug it into any PCMCIA Type II socket and operate it via a simple
WJ GUI program. The standard PCMCIA control interface (68-pin paral-
lel bus) coupled with a simple but powerful command set allows for fast
creation of custom applications.
These readers enable a host of
reader/programmer
solutions
including
handhelds,
printers,
smart
packaging, material handling and industrial products for today and the
future.
Product Features
Standard 68-Pin PCMCIA Type II PC Card™
Multi Protocol
•
EPC Class 0 (read only)
•
EPC Class 1 (read and program)
•
Class 0+ (read and program)
•
Firmware Upgrade (UHF G2 & others)
Multiple Antenna Ports
•
Two Separate Antennas
•
50 Ohm MMCX Coax Connectors
Certified Compliance to FCC Part 15
•
FCC ID: NTTWJMPR6XXX
Just plug it in, install it and read tags...


Similar Part No. - MPR6000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
More results

Similar Description - MPR6000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000 Datasheet
546Kb / 2P
EPC Class 0/1 and 0 with Integral UHF Antenna
MPR7000 WJCI-MPR7000 Datasheet
602Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
logo
Hubbell Incorporated.
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
10 mA0 Volts Switching Diode
logo
Weidmuller
2530630000 WEIDMULLER-2530630000 Datasheet
422Kb / 4P
VPU PV II 0 1500
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com