Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1013 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1013
Description  MONO CLASS_D AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1013 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1013 Datasheet HTML 5Page - STMicroelectronics AN1013 Datasheet HTML 6Page - STMicroelectronics AN1013 Datasheet HTML 7Page - STMicroelectronics AN1013 Datasheet HTML 8Page - STMicroelectronics AN1013 Datasheet HTML 9Page - STMicroelectronics AN1013 Datasheet HTML 10Page - STMicroelectronics AN1013 Datasheet HTML 11Page - STMicroelectronics AN1013 Datasheet HTML 12Page - STMicroelectronics AN1013 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Micr oelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification men-
tioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without ex-
press written approval of SGS-THOMSON Microelectronics.
© 1998 SGS-THOMSON Microelectronics – Printed in Italy – All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
A list of possible choices drawn from some of the major capacitors producers catalogs is the following:
ROEDERSTEIN:
Type
Capacitance (50V)(
µF)
Impedance (
Ω)
20C/100KHz
Rated Current (mA)
EKC
1000
0.039
2150
EKE
1000
2200
0.060
0.037
1570
2270
SANYO:
CG
1000
2200
0.072
0.045
1200
1400
MV-GX
1000
2200
0.046
0.029
1100
1900
NIPPON CHEMI-CON:
SXE
1000
2200
0.049
0.034
1830
2460
LXF
1000
1500
0.030
0.024
1720
2070
Clearly this list must be taken only as example of the capacitors suitable for this kind of application,
AN1013 APPLICATION NOTE
13/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com