Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LT5521EUF
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521EUF Datasheet(HTML) 2 Page - Linear Technology

  LT5521EUF Datasheet HTML 1Page - Linear Technology LT5521EUF Datasheet HTML 2Page - Linear Technology LT5521EUF Datasheet HTML 3Page - Linear Technology LT5521EUF Datasheet HTML 4Page - Linear Technology LT5521EUF Datasheet HTML 5Page - Linear Technology LT5521EUF Datasheet HTML 6Page - Linear Technology LT5521EUF Datasheet HTML 7Page - Linear Technology LT5521EUF Datasheet HTML 8Page - Linear Technology LT5521EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT5521
5521f
ORDER PART
NUMBER
(Note 1)
Power Supply Voltage ........................................... 5.5V
Enable Voltage ............................... –0.2V to VCC + 0.2V
LO Input Power ................................................ +10dBm
LO Input DC Voltage ..................................... 0V to 1.5V
IF Input Power ................................................. +10dBm
Difference Voltage Across Output Pins ................
±1.5V
Maximum Pin 2 or Pin 3 Current ......................... 34mA
Operating Ambient Temperature Range .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Maximum Junction Temperature .......................... 125
°C
LT5521EUF
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
VCC = 5V, EN = 2.9V, TA = 25°C unless otherwise noted.
Test circuit shown in Figure 1. (Note 2)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
IN+
IN–
GND
OUT+
GND
GND
OUT–
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO Frequency Range
10 to 4000
MHz
Input Frequency Range
10 to 3000
MHz
Output Frequency Range
10 to 3700
MHz
LO Input Power
–5
1
dBm
LO Return Loss
ZO = 50Ω, fLO = 1700MHz
12
dB
Output Return Loss
Requires Matching
12
dB
Input Return Loss (Pins 2, 3)
Requires Matching
15
dB
VCC = 5V, EN = 2.9V, TA = 25°C unless otherwise noted.
Test circuit shown in Figure 1. (Note 2)
AC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
3.15
5.25
V
Supply Current
82
98
mA
Shutdown Current
EN = 0.2V
20
100
µA
Enable (EN) Low = Off, High = On
Enable Mode
EN = High
2.9
V
Disable Mode
EN = Low
0.2
V
Enable Current
EN = 5V
137
µA
Shutdown Enable Current
EN = 0.2V
0.1
µA
Turn-On Time (Note 3)
200
ns
Turn-Off Time (Note 4)
200
ns
LO Voltage (Pin 15)
Internally Biased
0.96
V
Input Voltage (Pins 2, 3)
VCC = 5V, Internally Biased
2.20
V
VCC = 3.3V, Internally Biased
0.46
V
UF PART
MARKING
5521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com