Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP200G Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # ECP200G
Description  2 Watt, High Linearity InGaP HBT Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP200G Datasheet(HTML) 7 Page - WJ Communication. Inc.

  ECP200G Datasheet HTML 1Page - WJ Communication. Inc. ECP200G Datasheet HTML 2Page - WJ Communication. Inc. ECP200G Datasheet HTML 3Page - WJ Communication. Inc. ECP200G Datasheet HTML 4Page - WJ Communication. Inc. ECP200G Datasheet HTML 5Page - WJ Communication. Inc. ECP200G Datasheet HTML 6Page - WJ Communication. Inc. ECP200G Datasheet HTML 7Page - WJ Communication. Inc. ECP200G Datasheet HTML 8Page - WJ Communication. Inc. ECP200G Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 9 June 2005
AH312 / ECP200G
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
AH312-S8 (SOIC-8 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance, Rth (1)
17.5
° C / W
Junction Temperature, Tjc (2)
155
° C
Notes:
1. The thermal resistance is referenced from the hottest part
of the junction to the ground slug underneath the device.
2. This corresponds to the typical biasing condition of
+5V, 800 mA at an 85
° C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 247
° C. Tjc is a function
of the voltage at pins 6 and 7 and the current applied
to pins 6, 7, and 8 and can be calculated by:
Tjc = Tcase + Rth * Vcc * Icc
Product Marking
The component will be marked with an
“AH312-S8” designator with an alphanumeric
lot code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235
° C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. A heatsink underneath the area of the PCB for the mounted device
is strictly required for proper thermal operation. Damage to the
device can occur without the use of one.
2. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
3. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
4. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
5. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
6. RF trace width depends upon the PC board material and
construction.
7. Use 1 oz. Copper minimum.
8. All dimensions are in millimeters (inches). Angles are in degrees.
MTTF vs. GNDTab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com