Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1-PCB Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AM1-PCB
Description  High Dynamic Range Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AM1-PCB Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AM1-PCB Datasheet HTML 1Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 2Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 3Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 4Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 5Page - WJ Communication. Inc. AM1-PCB Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 6 June 2006
AM1
High Dynamic Range Gain Block
Product Information
The Communications Edge TM
Typical Device Data
S-Parameters (VDS = +4.5 V, IDS = 78mA, T = 25 C, 50 ohm system)
Input return loss can be improved with the appropriate input matching network shown later in this datasheet.
Gainvs. Frequency
6
8
10
12
14
16
0
500
1000 1500 2000 2500 3000
Frequency(MHz)
-40c
+25c
+85c
S11vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500 1000 1500 2000 2500 3000
Frequency(MHz)
-40c
+25c
+85c
S22vs. Frequency
-40
-30
-20
-10
0
0
500 1000 1500 2000 2500 3000
Frequency(MHz)
-40c
+25c
+85c
NoiseFigurevs. Frequency
0
1
2
3
4
5
6
0
500
1000 1500 2000 2500 3000
Frequency(MHz)
Output Power / Gainvs. Input Power
frequency=900MHz, Temp=+25°C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
12
14
16
18
20
22
Output Power
Gain
Output Power / Gainvs. Input Power
frequency=1900MHz, Temp=+25°C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
12
14
16
18
20
22
Output Power
Gain
Output IP3 vs. Output Power
frequency = 900 / 910 MHz
20
25
30
35
40
0
2
4
6
8
10
Output Power (dBm)
-40c
+25c
+85c
Output IP3 vs. Output Power
frequency = 1900 / 1910 MHz
20
25
30
35
40
0
2
4
6
8
10
Output Power (dBm)
-40c
+25c
+85c
ACPRvs. Channel Power
25 °C, IS-95, 9Ch. Forward, ±885kHzoffset, 30kHzMeas BW
-75
-65
-55
-45
-35
6
7
8
9
10
11
12
13
Output Channel Power (dBm)
freq=1900MHz
S-Parameters (VD = +4.5 V, ID = 78 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-4.72
-30.88
15.44
164.91
-21.66
30.26
-9.38
-40.39
250
-8.67
-27.48
13.93
165.39
-20.26
3.92
-16.70
-32.88
500
-8.96
-37.68
13.75
157.18
-20.14
-2.25
-17.56
-31.25
750
-9.06
-51.15
13.60
148.11
-20.02
-7.65
-18.25
-35.67
1000
-9.04
-66.87
13.47
137.91
-19.92
-10.63
-19.05
-43.62
1250
-9.00
-82.11
13.39
128.62
-19.85
-15.19
-20.28
-51.49
1500
-8.89
-97.31
13.13
118.57
-19.73
-18.74
-21.30
-61.37
1750
-8.74
-112.48
12.91
109.09
-19.56
-23.00
-22.57
-73.75
2000
-8.65
-128.51
12.68
99.48
-19.71
-28.33
-25.15
-85.19
2250
-8.40
-142.86
12.48
89.94
-19.53
-33.37
-27.03
-103.19
2500
-7.99
-157.26
12.22
80.41
-19.40
-37.91
-28.58
-135.19
2750
-7.93
-171.48
11.88
71.42
-19.33
-42.30
-28.56
-177.83
3000
-7.47
175.92
11.53
62.05
-19.58
-47.37
-28.48
153.84



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com