Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38310 Datasheet(PDF) 1 Page - Belden Inc.

Part # 38310
Description  UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

38310 Datasheet(HTML) 1 Page - Belden Inc.

  38310 Datasheet HTML 1Page - Belden Inc. 38310 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 38310
UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
Product Description
UL Type PV Wire, 10AWG (105x30) Tinned Copper, XLPO Insulation, PVC Outer Jacket, 2000V PV 90C Dry/Wet USE-2 RHW-2 SUN RES
Technical Specifications
Product Overview
Suitable Applications:
Interconnection wiring of grounded and ungrounded photovoltaic power systems as described in Section 690.31(A) of the 2008 NEC.
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
10
105x30
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Wall Thickness
XLP, XLPO, XLPE (Thermoset) 0.063 in
XLP, XLPO, XLPE (Thermoset)
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.312 in
0.033 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
0.91 Ohm/1000ft
Current
Element
Max. Recommended Current [A]
Single Conductor in Free Aair @ 30C Ambient 55 Amps Single Conductor in Free Air
Voltage
UL Voltage Rating
2000 V
Temperature Range
UL Temp Rating:
90°C
Operating Temperature Range:
-40°C To +90°C
Mechanical Characteristics
Bulk Cable Weight:
69 lbs/1000ft
Max. Pull Tension:
136.5 lbs
Min. Bend Radius/Minor Axis:
3.125 in


Similar Part No. - 38310

ManufacturerPart #DatasheetDescription
logo
Heyco.
3831 HEYCO-3831 Datasheet
282Kb / 1P
Heyco® TPE Liquid Tight Hole Plugs
logo
Littelfuse
3831.000000 LITTELFUSE-3831.000000 Datasheet
172Kb / 3P
Radial Lead Fuses
3831.000440 LITTELFUSE-3831.000440 Datasheet
172Kb / 3P
Radial Lead Fuses
3831.600000 LITTELFUSE-3831.600000 Datasheet
172Kb / 3P
Radial Lead Fuses
3831.600440 LITTELFUSE-3831.600440 Datasheet
172Kb / 3P
Radial Lead Fuses
More results

Similar Description - 38310

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
38108 BELDEN-38108 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38110 BELDEN-38110 Datasheet
151Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38114 BELDEN-38114 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38118 BELDEN-38118 Datasheet
150Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38210 BELDEN-38210 Datasheet
151Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38308 BELDEN-38308 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38312 BELDEN-38312 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38314 BELDEN-38314 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38316 BELDEN-38316 Datasheet
151Kb / 2P
UL Type PV Wire, #16 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38318 BELDEN-38318 Datasheet
151Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com