Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C150YKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # C150YKT
Description  SMD Dioda LED zolta 6mcd 130st
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

C150YKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  C150YKT Datasheet HTML 1Page - Lite-On Technology Corporation C150YKT Datasheet HTML 2Page - Lite-On Technology Corporation C150YKT Datasheet HTML 3Page - Lite-On Technology Corporation C150YKT Datasheet HTML 4Page - Lite-On Technology Corporation C150YKT Datasheet HTML 5Page - Lite-On Technology Corporation C150YKT Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
        
     
  



 
%#"#&'()*+#
4
$ %
&!

'( 
)!$**+!  
,!

   ( 
!

$ - (.!
!"
)
/0 1-
.
1
2% - %/ -
3.. 4,.
- %/ -
3.. 4,.
0 - 
&!°(. 
5 6 - 
&!°(. 
1%  - 
.°(78 
-- 5//6  

,-%#"#&'()*+#
-5.
/,"&0$&'1'2!3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com