Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83000 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83000
Description  Lead Wire, #30 Str SPC, TFE Ins, AWM 1213
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83000 Datasheet(HTML) 1 Page - Belden Inc.

  83000 Datasheet HTML 1Page - Belden Inc. 83000 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83000
Lead Wire, #30 Str SPC, TFE Ins, AWM 1213
Product Description
High Temp Plastic Lead Wire, 30AWG (7x38) Silver Plated Copper, TFE Insulation, AWM 1213 105C TYPE E MIL-W-16878/4 600V 200C
Technical Specifications
Product Overview
Suitable Applications:
high temperature, inter-connection circuits, internal wiring of computer and electronic equipments, (Type E) MIL-W-16878/4 applications
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 1
30
7x38
SC - Silvered Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
PTFE - Polytetrafluoroethylene 0.01 in (0.25 mm) 0.032 in (0.81 mm)
Overall Cable Diameter (Nominal): 0.032 in (0.81 mm)
Electrical Characteristics
Electricals
Max. Current
Mil-Std-975M Table 3.16 (single wire): 1.3 A
Voltage
UL Voltage Rating
600 V RMS
Mechanical Characteristics
Temperature
UL Temperature
105°C
Bend Radius
Stationary Min.
Installation Min.
0.13 in (3.3 mm) 0.13 in (3.3 mm)
Max. Pull Tension:
1.4 lbs (0.64 kg)
Bulk Cable Weight:
1 lbs/1000ft
Standards and Compliance
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
VW-1
AWM Compliance:
AWM 1213
NEMA Compliance:
HP3


Similar Part No. - 83000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
83000-9503 MOLEX9-83000-9503 Datasheet
207Kb / 5P
1.27mm (.050") Pitch Ulti-Mate??Commerical Micro D, Cable Receptacle Kit, 9|25|15 Circuits
logo
Littelfuse
83000000005 LITTELFUSE-83000000005 Datasheet
868Kb / 2P
830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
83000000005 LITTELFUSE-83000000005 Datasheet
861Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
02/13/18
logo
List of Unclassifed Man...
830000011000 ETC2-830000011000 Datasheet
95Kb / 2P
Stranded silver-coated copper conductor insulation with extruded TFE Teflon
83000002100 ETC2-83000002100 Datasheet
95Kb / 2P
Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results

Similar Description - 83000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83001 BELDEN-83001 Datasheet
143Kb / 2P
Lead Wire, #28 Str SPC, TFE Ins, AWM 1213
01-20-2023
83002 BELDEN-83002 Datasheet
143Kb / 2P
Lead Wire, #26 Str SPC, TFE Ins, AWM 1213
01-20-2023
83003 BELDEN-83003 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1213
01-20-2023
83004 BELDEN-83004 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1213
01-20-2023
83005 BELDEN-83005 Datasheet
143Kb / 2P
Lead Wire, #22 Str SPC, TFE Ins, AWM 1213
01-20-2023
83007 BELDEN-83007 Datasheet
143Kb / 2P
Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
01-20-2023
83008 BELDEN-83008 Datasheet
141Kb / 2P
Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
01-20-2023
83010 BELDEN-83010 Datasheet
144Kb / 2P
Lead Wire, #16 Str SPC, TFE Ins, AWM 1371
01-20-2023
83023 BELDEN-83023 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1180
01-20-2023
83337E BELDEN-83337E Datasheet
174Kb / 2P
Electronic, 3 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com