Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G07DBVR
Description  SN74LVC2G07
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G07DBVR Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G07DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G07DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The SN74LVC2G07 is a high performance
dual buffer with open drain outputs operating
from a 1.65 to 5.5V supply. The internal circuit is
composed of multiple stages, including an open
drain output. The open drain output provides the
capability to set the output switching level to a
user selectable value with an external resistor
and power supply.
The logic high output value is set by the
external power supply and can be less than,
equal or greater than the VCC power supply,
provided the voltage supply is less than 5.5V.
Features
● Extremely High Speed: t
PD 2.3ns (typical) at VCC= 5V
● Designed for 1.65V to 5.5V VCC Operation, CMOS
compatible
● Over Voltage Tolerant Inputs
●
LVTTL Compatible − Interface Capability with 5V TTL
Logic with VCC = 3V
● LVCMOS Compatible
● 24mA Output Sink Capability
● Near Zero Static Supply Current Substantially Reduces
System Power Requirements
● Chip Complexity: FET = 72; Equivalent Gate = 18
●
These Devices are Pb− Free and are RoHS Compliant
Pin Configuration
UMW R
SN74LVC2G07
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - SN74LVC2G07DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07DBVR TI1-SN74LVC2G07DBVR Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
2Mb / 31P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - SN74LVC2G07DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07_V01 Datasheet
2Mb / 31P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com