Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3M Datasheet(PDF) 2 Page - Recom International Power

Part # R3M
Description  3 Watt SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R3M Datasheet(HTML) 2 Page - Recom International Power

  R3M Datasheet HTML 1Page - Recom International Power R3M Datasheet HTML 2Page - Recom International Power R3M Datasheet HTML 3Page - Recom International Power R3M Datasheet HTML 4Page - Recom International Power R3M Datasheet HTML 5Page - Recom International Power R3M Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.recom-power.com
REV.: 0/2023
ECO-2
DC/DC Converter
R3M
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Quiescent Current
nom. VIN= 12VDC
40mA
nom. VIN= 24VDC
20mA
nom. VIN= 48VDC
15mA
Start-up time
power up, CTRL ON/OFF
10ms
20ms
ON/OFF CTRL (4)
DC-DC ON
open or high impedance
DC-DC OFF
2mA
3mA
4mA
Standby Current
DC-DC OFF
2.5mA
Internal Operating Frequency
100kHz
Output Ripple and Noise
20MHz BW
50mVp-p
Reflected Back Ripple Current
with external
components
nom. VIN= 12VDC
20mAp-p
nom. VIN= 24VDC
30mAp-p
nom. VIN= 48VDC
20mAp-p
continued on next page
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Efficiency vs. Load
R3M-1212S
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
4.5Vin
9Vin
12Vin
18Vin
0.6
0.7
0.8
0.9
0.5
0.3
1
0.4
0.1
0.2
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5Vin
9Vin
12Vin
18Vin
Efficiency vs. Load
R3M-2405S
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
9Vin
18Vin
24Vin
36Vin
0.6
0.7
0.8
0.9
0.5
0.3
1
0.4
0.1
0.2
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
9Vin
18Vin
24Vin
36Vin
Notes:
Note4: Refer to
“ON/OFF CTRL”



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com