Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPSUAF33AP Datasheet(PDF) 3 Page - Schneider Electric

Part # XPSUAF33AP
Description  Safety module, Harmony Safety Automation, Cat.4, potential free NC/NC, NO/NC, PNP/ PNP, 48-240v AC/DC, screw
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XPSUAF33AP Datasheet(HTML) 3 Page - Schneider Electric

  XPSUAF33AP Datasheet HTML 1Page - Schneider Electric XPSUAF33AP Datasheet HTML 2Page - Schneider Electric XPSUAF33AP Datasheet HTML 3Page - Schneider Electric XPSUAF33AP Datasheet HTML 4Page - Schneider Electric XPSUAF33AP Datasheet HTML 5Page - Schneider Electric XPSUAF33AP Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.56 in (6.5 cm)
Package 1 width
5.39 in (13.7 cm)
Package 1 Length
6.10 in (15.5 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
16
Package 2 Weight
11.93 lb(US) (5.411 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Package 3 Height
11.81 in (30 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and
lead compounds, which is known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
WEEE
The product must be disposed on European Union markets following specific
waste collection and never end up in rubbish bins.
PVC free
Yes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com