Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCB-2-M-1240-R1 Datasheet(PDF) 3 Page - SUN HOLD ELECTRIC INC

Part # SCB-2-M-1240-R1
Description  SCB(M) SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNHOLD [SUN HOLD ELECTRIC INC]
Direct Link  http://www.sunhold.com/index.php
Logo SUNHOLD - SUN HOLD ELECTRIC INC

SCB-2-M-1240-R1 Datasheet(HTML) 3 Page - SUN HOLD ELECTRIC INC

  SCB-2-M-1240-R1 Datasheet HTML 1Page - SUN HOLD ELECTRIC INC SCB-2-M-1240-R1 Datasheet HTML 2Page - SUN HOLD ELECTRIC INC SCB-2-M-1240-R1 Datasheet HTML 3Page - SUN HOLD ELECTRIC INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1c
1a
1b
DIODE
DIODE INVERSE
RESISTOR
86
87
87a
85
30
86
87
87a
85
30
86
87
87a
85
30
86
87
87a
85
30
86
87
87a
85
30
86
87
87a
85
30
QUICK CONNECT TERMINALS(80A
)
TERMINALS
BRACKET COVER(80A
)
TERMINALS
STEEL BRACKET(80A
)
TERMINALS
25.8
25.8
25.8
25.5
0.8
25.5
0.8
5.0
1.2
SCB(M)
9.5
9.5
9.5
25.8
1.2
0.8
0.8
1.2
9.85
8
9.85
8
9.85
8
2au
86
87
85
30
64



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com