Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCB-1-MM-1240-R1 Datasheet(PDF) 2 Page - SUN HOLD ELECTRIC INC

Part # SCB-1-MM-1240-R1
Description  SCB(M) SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNHOLD [SUN HOLD ELECTRIC INC]
Direct Link  http://www.sunhold.com/index.php
Logo SUNHOLD - SUN HOLD ELECTRIC INC

SCB-1-MM-1240-R1 Datasheet(HTML) 2 Page - SUN HOLD ELECTRIC INC

  SCB-1-MM-1240-R1 Datasheet HTML 1Page - SUN HOLD ELECTRIC INC SCB-1-MM-1240-R1 Datasheet HTML 2Page - SUN HOLD ELECTRIC INC SCB-1-MM-1240-R1 Datasheet HTML 3Page - SUN HOLD ELECTRIC INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCB(M)
63
QUICK CONNECT TERMINALS(40A/60A
)
TERMINALS
BRACKET COVER(40A
)
/60A TERMINALS
STEEL BRACKET(40A
)
/60A TERMINALS
2.5
2.9
8
7.1
6.3
0.8
5-Ø
1.8
25.8
25.8
2.5
2.9
8
7.1
6.3
0.8
5-Ø
1.8
25.8
25.8
2.4
8
7.5
25.5
0.8
6.3
25.5
0.8
5.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com