Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11TL2 Datasheet(PDF) 1 Page - ITT Industries

Part # 11TL2
Description  Door Interlock Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

11TL2 Datasheet(HTML) 1 Page - ITT Industries

  11TL2 Datasheet HTML 1Page - ITT Industries 11TL2 Datasheet HTML 2Page - ITT Industries 11TL2 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
K
K–50
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K TL Series
Door Interlock Switches
Features/Benefits
• Push/pull motion
• Multiple mounting configurations
• Wide variety of termination options
• Ratings up to 15 AMPS
Typical Applications
• Computer enclosures
• Panel builders
• Industrial enclosures
Specifications
CONTACT RATING: 15 AMPS @ 125 & 250 V AC; 0.25 AMP @
250 V DC; 0.5 AMP @ 125 V DC; 1/2 HP @ 125 & 250 V AC;
3 AMPS @ 125 V AC “L”.
ELECTRICAL LIFE: 150,000 cycles at 15 AMPS @ 250 V AC.
INSULATION RESISTANCE: 1,000 M ohm min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –67ºF to 302ºF (–55ºC to 150ºC).
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
SWITCH HOUSING: Thermoplastic or general purpose
phenolic (UL 94V-0).
MOUNTING BRACKET: Stainless steel.
PLUNGER: Stainless steel.
ACTUATOR BUTTON: Thermoplastic (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Brass alloy.
MOVABLE CONTACT: Fine silver.
STATIONARY CONTACTS: Fine silver.
TERMINALS: Copper alloy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-51 and K-52. For additional options not shown in catalog, consult Customer Service Center.
Model
11TL One TM Series SPDT switch
12TL One TM Series SPDT switch
23TL Two TM Series SPDT switches
Terminations
60
Screw
40 .187" Quick connect
4A .250" Quick connect
Plunger
2
Stainless steel, not tapped
4
Stainless steel, tapped


Similar Part No. - 11TL2

ManufacturerPart #DatasheetDescription
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
11TL-602 CK-COMPONENTS-11TL-602 Datasheet
508Kb / 3P
Door Interlock Switches
11TL-603 CK-COMPONENTS-11TL-603 Datasheet
508Kb / 3P
Door Interlock Switches
logo
Honeywell Solid State E...
11TL1-1 HONEYWELL-11TL1-1 Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
11TL1-2 HONEYWELL-11TL1-2 Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
More results

Similar Description - 11TL2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2D OMRON-D2D Datasheet
937Kb / 8P
Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
Door Interlock Switch
logo
C&K Components
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
Door Interlock Switches
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
DOOR INTERLOCK PLATE FOR CAM SWITCH
logo
C&K Components
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
Interlock Pushbutton Switches
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
SL CK-COMPONENTS-SL Datasheet
1Mb / 4P
Sealed Interlock Door Switches
8 Dec 21
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
Interlock Snap Switches
31 oct 16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com