Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B4010 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B4010
Description  3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B4010 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B4010 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8571A
12/11/02
PI3B4010
3.3V, High Bandwidth, 40:10-Bit,
DDR Mux/Demux NanoSwitch
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789
10
11
A
NC
SEL1
VDD
1
B02B03B0
2
B13B10B2
B SEL2
SEL0 GND
0
B0
Ao
0
B11B1
A1
GND
1
B2
CVDD
SEL3
A22B2
D
GND
3
B2
E
2
B93B9
0
B31B3
F
1
B9
A9
A32B3
G
0
B93B8
GND
3
B3
H
2
B8
0
B4
J
1
B8
A8
A41B4
K
0
B8
GND
A70B73B6
A6
GND
3
B5
A53B42B4
L
3
B72B71B
NC = No Connection
7
2
B61B60B6
2
B51B50B5
Top View
NC
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
AN
s
n
i
P
t
u
p
n
I
x
u
m
e
D
NB0 - NB9
s
n
i
P
t
u
p
n
I
x
u
M
L
E
S
N
)
W
O
L
e
v
it
c
A
(
s
n
i
P
t
c
e
l
e
S
k
n
a
B
D
N
Gd
n
u
o
r
G
V D
D
r
e
w
o
P
Note: N = 0 through 3 for each set of 10 Bits
ProductPinDescription
TruthTable
n
o
i
t
c
n
u
FL
E
S
0
L
E
S
1
L
E
S
2
L
E
S
3
A
t
c
e
n
n
o
C
N o
t 0BN
LH
H
H
A
t
c
e
n
n
o
C
N o
t 1BN
HL
H
H
A
t
c
e
n
n
o
C
N o
t 2BN
HH
L
H
A
t
c
e
n
n
o
C
N o
t 3BN
HHH
L
0BN, 1BN, 2BN, 3BN
,
n
w
o
d
ll
u
P
=
AN
Z
-i
H
=
HHH
H
Product Pinout by Location on Connection Diagram
Storage Temperature .................................................. –65ºC to +150ºC
Supply Voltage Range ................................................ –0.5V to +4.6V
DC Input Voltage .......................................................... –0.5Vto+4.6V
DC Output Current .................................................................... 120mA
Power Dissipation ........................................................................ 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com