Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOL3KTP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL3KTP
Description  Top-of-Rack Precision Cooling Air Conditioner: 3.5 kW (12 kBTU), 208/240V, 9U
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL3KTP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SRCOOL3KTP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL3KTP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL3KTP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Operating Temperature
Inside rack: up to 100°F (37°C); Outside rack: up to 95°F (35°C). Cooling performance will be reduced if the outside
rack temperature reaches 95~113°F (35 ~ 45°C). If the outside rack temperature is greater than 113°F (45°C), the
system will go into protection mode (standby).
COMMUNICATIONS
Network Management Cards
&nbsp;<a class="productLink" href="//www.tripplite.com/network-interface-card-for-select-tripp-lite-ups-
systems~WEBCARDLXMINI">WEBCARDLXMINI</a>&nbsp;
Network Monitoring Port Description
Supports remote monitoring of cooling unit, and site temperature and humidity conditions
Alarm Events
High Pressure, Low Pressure, Water Leak
Communications Interface
Pre-installed network card; RJ45 Network
FEATURES & SPECIFICATIONS
Dehumidifier
2.5 liters / hour
Compressor Type
DC Compressor
Refrigerant
R410a (Environmentally friendly, Non ozone depleting)
Refrigerant Amount
28.8 oz.
Amp Draw Nominal
17A
Sound Level (Noise)
57dB
STANDARDS & COMPLIANCE
Product Certifications
ICES (Canada); UL 60355
Product Compliance
FCC Part 15 Class A (USA); RoHS
WARRANTY & SUPPORT
Product Warranty Period (U.S. &
Canada)
1-year limited warranty
Product Warranty Period (Latin
America)
1-year limited warranty
Product Warranty Period
(International)
1-year limited warranty
Product Warranty Period (Mexico)
1-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
© 2023 Eaton. All Rights Reserved.
Eaton is a registered trademark. All other trademarks
are the property of their respective owners.
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com