Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2UGRSP01AMAU Datasheet(PDF) 1 Page - ITT Industries

Part # F2UGRSP01AMAU
Description  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UGRSP01AMAU Datasheet(HTML) 1 Page - ITT Industries

  F2UGRSP01AMAU Datasheet HTML 1Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 2Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 3Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 4Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 5Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 6Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 7Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 8Page - ITT Industries F2UGRSP01AMAU Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A–89
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K F Series
Pushbutton Switches
Features/Benefits
• Up to 10 poles per module
• Various contact terminals
• Various mounting & switch
ganging configurations
• Mechanical indicator buttons
• Illumination options
• RoHS compliant
Typical Applications
• Audio selection
• Digital equipment interface
• Medical equipment interface
Specifications
SWITCHING POWER: F module max. AC/DC: Silver: 50 VA/15W,
Gold: 1 VA/300 mW.
SWITCHING VOLTAGE: F module max. AC/DC: Silver: 125/30V,
Gold: 50/30 V.
SWITCHING CURRENT: F module max. AC/DC: Silver: 0.5A/0.5A,
Gold: 0.04A/0.01A.
CARRYING CURRENT: Max at
du = 20C: Silver: < 2A, Gold: <0.5A.
DIELECTRIC STRENGTH (50 Hz, 1 min.): Chassis/contact:
^1500V
Between contacts:
^1500V.
OPERATING LIFE “OA/EE” (24V/200mA): >105 operations
“GR”: >3.5 x 104 operations.
CONTACT RESISTANCE: Initial: Typical
%10 mΩ, max. 20 mΩ
After operating life:
%100 mΩ
INSULATION RESISTANCE:
^109 Ω between open contacts,
^109 Ω between chassis and contacts.
CAPACITANCE (at f = 10 kHz):
%0.7 pF between 2 contacts.
TOTAL TRAVEL/LATCHING TRAVEL: 4.7mm/3.3mm (.185 inch/
.130 inch).
All models and options are RoHS compliant and compatible.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs. All models and options are RoHS compliant and compatible.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
TYPICAL F OPERATING FORCE: 2U: 6.5N (650 grams); 4U: 6.5N
(650 grams); 6U: 7.5N (750 grams); 8U: 9.0N (900 grams); 10U:
9.0N (900 grams).
EUROPEAN TYPICAL SF OPERATING FORCE:
2U: 3.5N±0.5N (350 grams±100 grams); 4U: 5N±1N (500
grams±100 grams); 6U: 6.5N±1N (650 grams±100 grams); 8U:
9.0N±1N (900 grams±100 grams).
OPERATING TEMPERATURE RANGE: -40˚C to 70˚C.
Materials
HOUSING: Polycarbonate UL 94V-0 or polyester UL 94V-0.
ACTUATOR: Polyester UL 94V-0.
MOVABLE CONTACTS: Bimetal brass, silver plated, gold plate
over nickel.
STATIONARY CONTACTS & TERMINALS: Brass, silver plated,
gold plated.
TERMINAL BOARD: Polyester UL 94V-0.
RETURN SPRING: Music wire.
TERMINAL SEAL: RTV adhesive sealant.
CHASSIS: Steel.
LOCKOUT PIN: Steel.
BLOCKERS: Steel.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-90 thru A-98. For additional options not shown in catalog, consult Customer Service Center.
If requesting only a switch, select either a North American or European switch as noted below. Chassis and buttons are sold
separately. If multiple stations are selected, we will assume all switches are the same unless noted otherwise.
Designation
F
F Series
FLT Light touch F series
ZF
Central mounted F series
Terminal Style
(NONE) Solder lugs & PC pins
01A Cut solder lugs
01B Cut PC pins, for other configurations,
consult factory
Electrical Function
(NONE) BBM
M MBB (special)
Contact Material
(NONE) Silver, AG
AU Gold
Dress nut*
*Central mounted F series only
(NONE) No dress nut
B Black
C Chrome
Terminal Sealing
(NONE) None
TB Top/bottom
Mechanical Function
OA
Momentary
EE
Alternate (push-push)
GR
Interlock
AOR Central release
OASP Momentary with lockout
GRSP Interlock with lockout
Contact Arrangement
2U
2PDT
4U
4PDT
6U
6PDT
8U
BPDT
10U 1OPDT
North American Order Code - Switch Only


Similar Part No. - F2UGRSP01AMAU

ManufacturerPart #DatasheetDescription
logo
C&K Components
F2UGRSPTB01AMAUB CK-COMPONENTS-F2UGRSPTB01AMAUB Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F2UGRSPTB01AMAUC CK-COMPONENTS-F2UGRSPTB01AMAUC Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F2UGRSPTB01BMAUB CK-COMPONENTS-F2UGRSPTB01BMAUB Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F2UGRSPTB01BMAUC CK-COMPONENTS-F2UGRSPTB01BMAUC Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
More results

Similar Description - F2UGRSP01AMAU

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com