Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC3357
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC3357 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC3357 Datasheet HTML 1Page - Nanjing International Group Co 2SC3357 Datasheet HTML 2Page - Nanjing International Group Co 2SC3357 Datasheet HTML 3Page - Nanjing International Group Co 2SC3357 Datasheet HTML 4Page - Nanjing International Group Co 2SC3357 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■
Typical Characterisitics
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
200
50
100
10
20
1
5
10
0
5
5
.
0
VCE = 10 V
2
1
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ceramic substrate
16 cm2 × 0.7 mm (t)
Free air Rth (j-a) 312.5˚C/W
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2
1
0.5
0.3
0.5
0.2
1
2
5
10
30
20
f = 1 MHz
VCE = 10 V
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
3
2
5
0.2
0.3
0.5
1
0.1
1
5
10
50
0
0
1
5
.
0
1
.
0
VCE = 10 V
f = 1 GHz
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
15
10
0
5
0.5
1
10
50 0
7
5
VCE = 10 V
IC = 20 mA
Frequency f (GHz)
INSERTION POWER GAIN, MAG
vs. FREQUENCY
25
15
20
5
10
0
0.05
0.1
0.5
1
2
2
.
0
MAG
|S21e|2
NPN Transistors
2SC3357
Dongguan Nanjing Electronics Ltd.
2/5
www.dgnjdz.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com