Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3650 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC3650
Description  High hFE,Low-Frequency General-Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC3650 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC3650 Datasheet HTML 1Page - Nanjing International Group Co 2SC3650 Datasheet HTML 2Page - Nanjing International Group Co 2SC3650 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High hFE,Low-Frequency
General-Purpose Amplifier Applications
2SC3650
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10uA,IE=0
30
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10uA,IC=0
15
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=10V,IC=0
0.1
μA
VCE=5V,IC=500mA
800
1500
3200
DC current gain
hFE
VCE=5V,IC=10mA
600
Collector-emitter saturation voltage
VCE(sat)
IC=0.5A, IB=0.01A
0.12
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=0.5A, IB=0.01A
0.85
1.2
V
Transition frequency
fT
VCE=10V,Ic=50mA
220
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
17
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.dgnjdz.com
www.dgnjdz.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com