Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4548 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC4548
Description  NPN Epitaxial Planar Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC4548 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC4548 Datasheet HTML 1Page - Nanjing International Group Co 2SC4548 Datasheet HTML 2Page - Nanjing International Group Co 2SC4548 Datasheet HTML 3Page - Nanjing International Group Co 2SC4548 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN
Epitaxial Planar Silicon Transistor
2SC4548
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10uA,IE=0
400
V
Collector- emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
400
V
Emitter- base breakdown voltage
V(BR)EBO
IE=10uA,IC=0
5
V
Collector cut-off current
ICBO
VCB=300V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
μA
DC current gain
hFE
VCE=10V,IC=50mA
60
200
Base-emitter saturation voltage
VBE(sat)
IC=50mA,IB=5mA
1
V
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.6
V
Transition frequency
fT
VCE=30V, IC=10mA
70
MHz
Output capacitance
Cob
VCB=30V,IE=0,f=1MHz
4
pF
Reverse Transfer Capacitance
Cre
VCB=30V,IE=0,f=1MHz
3
pF
Turn-ON Time
ton
0.25
uS
Turn-OFF Time
toff
VCC=150V,IC=50mA,
IB1=IB2=5mA
5
uS
CLASSIFICATION OF hFE
Rank
D
E
Range
60-120
100-200
www.dgnjdz.com
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com