Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPERADIP-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPERADIP-E
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERADIP-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPERADIP-E Datasheet HTML 6Page - STMicroelectronics VIPERADIP-E Datasheet HTML 7Page - STMicroelectronics VIPERADIP-E Datasheet HTML 8Page - STMicroelectronics VIPERADIP-E Datasheet HTML 9Page - STMicroelectronics VIPERADIP-E Datasheet HTML 10Page - STMicroelectronics VIPERADIP-E Datasheet HTML 11Page - STMicroelectronics VIPERADIP-E Datasheet HTML 12Page - STMicroelectronics VIPERADIP-E Datasheet HTML 13Page - STMicroelectronics VIPERADIP-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Feedback pin principle of operation
VIPer12ADIP/ AS - E
10/21
DocRev1
The current limitation is obtained with the FB pin shorted to ground (VFB = 0V). This leads to
a negative current sourced by this pin, and expressed by:
By reporting this expression in the previous one, it is possible to obtain the drain current
limitation IDlim:
In a real application, the FB pin is driven with an optocoupler as shown on Figure 4. which
acts as a pull up. So, it is not possible to really short this pin to ground and the above drain
current value is not achievable. Nevertheless, the capacitor C is averaging the voltage on
the FB pin, and when the optocoupler is off (start up or short circuit), it can be assumed that
the corresponding voltage is very close to 0V.
For low drain currents, the formula (1) is valid as long as IFB satisfies IFB < IFBsd, where
IFBsd is an internal threshold of the VIPer12A. If IFB exceeds this threshold the device will
stop switching. This is represented on Figure 11 on page 14, and IFBsd value is specified in the
PWM COMPARATOR SECTION. Actually, as soon as the drain current is about 12% of
Idlim, that is to say 50 mA, the device will enter a burst mode operation by missing switching
cycles. This is especially important when the converter is lightly loaded.
Figure 5.
IFB Transfer function
It is then possible to build the total DC transfer function between ID and IFB as shown on
Figure 5 on page 10
. This figure also takes into account the internal blanking time and its
associated minimum turn on time. This imposes a minimum drain current under which the
device is no more able to control it in a linear way. This drain current depends on the primary
inductance value of the transformer and the input voltage. Two cases may occur, depending
on the value of this current versus the fixed 50mA value, as described above.
I
FB
0.23V
R
1
----------------
=
I
Dlim
G
ID
0.23V
1
R
2
-------
1
R
1
-------
+
⎝⎠
⎛⎞
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com