Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002Y Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBLS4002Y
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4002Y Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBLS4002Y Datasheet HTML 3Page - NXP Semiconductors PBLS4002Y Datasheet HTML 4Page - NXP Semiconductors PBLS4002Y Datasheet HTML 5Page - NXP Semiconductors PBLS4002Y Datasheet HTML 6Page - NXP Semiconductors PBLS4002Y Datasheet HTML 7Page - NXP Semiconductors PBLS4002Y Datasheet HTML 8Page - NXP Semiconductors PBLS4002Y Datasheet HTML 9Page - NXP Semiconductors PBLS4002Y Datasheet HTML 10Page - NXP Semiconductors PBLS4002Y Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Matched pair transistors are double transistors with matched current gain
h
FE1/hFE2 and matched base-emitter voltage VBE1 - VBE2.The optimal product for the
most common applications is offered by means of several matching-categories
and different pinning options. Internally the transistors are fully isolated.
Key features
- Current gain matching:
h
FE1/hFE2 = 0.7, 0.9, 0.95, 0.98
- Base-emitter voltage matching:
V
BE1 - VBE2 = 2 mV
- Standard double transistor pin-out for
BCM-types
- Application optimized pin-out for all
PMP-types
- Common emitter configuration for
5pin PMP-types
Matched pair transistors
SOT143B
SOT457 (SC-74) SOT353 (SC-88A) SOT363 (SC-88)
P
tot max.
250 mW
380 mW
300 mW
300 mW
Polarity
I
C (mA)
V
CEO (V)
h
FE min.
h
FE max.
h
FE1/hFE2
V
BE1 - VBE2 (mV)
NPN
100
30
110
800
0.7
n.a.
BCV61/A/B/C
45
200
450
0.9
2
BCM61B
0.9
2
BCM847DS
BCM847BS
0.95
2
PMP4501G
PMP4501Y
0.98
2
PMP4201G
PMP4201Y
PNP
100
30
110
800
0.7
n.a.
BCV62/A/B/C
45
200
450
0.9
2
BCM62B
0.9
2
BCM857DS
BCM857BS
0.95
2
PMP5501G
PMP5501Y
0.98
2
PMP5201G
PMP5201Y
Key benefits
- Improved performance of current mirror
and differential amplifier circuits
- Drop-in replacement for standard double
transistors (BCM-series)
- Simplified board layout (PMP-series)
- Eliminates need for costly
additional trimming
Key applications
- Current mirror e.g. for current
measurement or to drive LED’s with a
constant current
- Differential amplifier e.g. sensor
signal amplification
- Comparator e.g. for DC/DC converters
Vout
Vin
Rsense
Vsense
MSE265
Current sensor using
matched pairs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com