Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4001D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS4001D
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4001D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS4001D Datasheet HTML 2Page - NXP Semiconductors PBLS4001D Datasheet HTML 3Page - NXP Semiconductors PBLS4001D Datasheet HTML 4Page - NXP Semiconductors PBLS4001D Datasheet HTML 5Page - NXP Semiconductors PBLS4001D Datasheet HTML 6Page - NXP Semiconductors PBLS4001D Datasheet HTML 7Page - NXP Semiconductors PBLS4001D Datasheet HTML 8Page - NXP Semiconductors PBLS4001D Datasheet HTML 9Page - NXP Semiconductors PBLS4001D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Combining a BISS transistor with a RET, BISS Loadswitches provide full
miniature loadswitch functionality in a single package and deliver
best-in-class performance.
Key features
- BISS transistor and RET in one package
- Low “threshold” voltage (< 1 V) compared
to MOSFET
- Small drive power required
- Best-in-class performance for loadswitches
- Available for switching loads of 0.5 – 1 A
BISS Loadswitches
SOT457 (SC-74)
SOT363 (SC-88)
I
C (A)
V
CEO (V)
V
CEsat (mV)
@ 500 mA
R1 = R2 (kΩ)
0.5
40
350
2.2
PBLS4001Y
4.7
PBLS4002Y
10
PBLS4003Y
22
PBLS4004Y
47
PBLS4005Y
1.0
40
170
2.2
PBLS4001D
4.7
PBLS4002D
10
PBLS4003D
22
PBLS4004D
47
PBLS4005D
60
180
2.2
PBLS6001D
4.7
PBLS6002D
10
PBLS6003D
22
PBLS6004D
47
PBLS6005D
Key benefits
- Integrated on-the-shelve solution for
switching loads
• Saves design and sourcing costs
• Reduction in boardspace requirements
• Just one or two external resistors needed
for full loadswitch capability
- Combination of low voltage drop and low
base drive current
• BISS transistor in the power path provides
the lowest energy-losses
• RET in the control path provides a low
base drive current
Key applications
- Supply line switches, e.g. in control units
- Control of lamps, motors and switches,
e.g. instrument clusters
- High side switches for drivers
MSE336
Tr1
Low VCEsat
(BISS)
Tr2
(RET)
R1
R2
GND
Control
input
Power
supply
Load
Loadswitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com