Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBLS4002D
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4002D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBLS4002D Datasheet HTML 4Page - NXP Semiconductors PBLS4002D Datasheet HTML 5Page - NXP Semiconductors PBLS4002D Datasheet HTML 6Page - NXP Semiconductors PBLS4002D Datasheet HTML 7Page - NXP Semiconductors PBLS4002D Datasheet HTML 8Page - NXP Semiconductors PBLS4002D Datasheet HTML 9Page - NXP Semiconductors PBLS4002D Datasheet HTML 10Page - NXP Semiconductors PBLS4002D Datasheet HTML 11Page - NXP Semiconductors PBLS4002D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Maximum Efficiency General Application (MEGA) Schottky rectifiers offer
extremely low forward voltage drop during operation, resulting in the
highest efficiency and reduced heat dissipation.They are ideal, cost-effective
replacements for rectifiers in SMA or SOD123.
Key features
- Ultra low forward voltage drop V
F
- Up to 3 A continuous current capability I
F
- Up to 10 A peak current capability I
FSM
- Low power dissipation
- Integrated guard ring for stress protection
Low V
F (MEGA) Schottky rectifiers
SOT457 (SC-74)
SOT23
SOD123F
SOD323F (SC-90)
I
F max. (A)
V
R max. (V)
I
FSM (A)
V
F max. (mV)
I
R max. (µA) @
V
F max.
0.5
20
6
390
200
PMEG2005ET
PMEG2005EH
PMEG2005EJ
30
10
430
150
PMEG3005ET
PMEG3005EH
PMEG3005EJ
40
10
470
100
PMEG4005ET
PMEG4005EH
PMEG4005EJ
1
20
9
500
200
PMEG2010EH
PMEG2010EJ
10
550
70
PMEG2010AEJ
9
430
200
PMEH2010AEH
30
10
560
150
PMEG3010EH
PMEG3010EJ
30
10
520
50
PMEG3010CEJ
40
10
640
100
PMEG4010EH
PMEG4010EJ
60
10
660
50
PMEG6010CEJ
17.5
650
350
PMEG6010AED
1.5
20
9
660
70
PMEG2015EH
PMEG2015EJ
30
9
550
1000
PMEG3015EH
PMEG3015EJ
2
10
9
460
3000
PMEG1020EH
PMEG1020EJ
20
9
525
200
PMEG2020EH
PMEG2020EJ
30
9
620
1000
PMEG3020EH
PMEG3020EJ
3
10
9
530
3000
PMEG1030EH
PMEG1030EJ
Key benefits
- Less heat generation and therefore
increased reliability
- Cost effective replacement of SMA and
SOD123 rectifiers
• Reduced boardspace requirements
• Medium power capability in SOD323F
(SC-90)
- Low losses over the entire current range
- Improved current handling capability
- Increased performance from small-signal
discrete footprints
Key applications
- Power management circuits – especially
DC/DC conversion
- Various rectifier circuits, e.g. in airbag
control units
- Low power applications, e.g. in control units
- Free wheeling diode for inductive loads in
relays and motors
- Reverse polarity protection, e.g. in car
multimedia applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com