Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T112220-0010 Datasheet(PDF) 3 Page - ITT Industries

Part # T112220-0010
Description  Fakra
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T112220-0010 Datasheet(HTML) 3 Page - ITT Industries

  T112220-0010 Datasheet HTML 1Page - ITT Industries T112220-0010 Datasheet HTML 2Page - ITT Industries T112220-0010 Datasheet HTML 3Page - ITT Industries T112220-0010 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fakra
9,13
(0.360)
10,88
(0.429)
11,5
(0.453)
11,0
(0.433)
5,5
(0.217)
5,08
(0.200)
2,54
(0.100)
5,08
(0.200)
5,0
(0.197)
25,7 REF
(1.012)
9,36 MIN
(0.369)
1,0+0,0/-0,1
(0.039+0.000/-0.004)
2x R 0,2
(0.008)
3x ø0.97
±0,0
(0.038
±0.000)
2,40
(0.095)
8,0
±0,1
(0.315
±0.004)
4x ø1,4
(0.056)
2,54
(0.100)
4x 2,79
(0.110)
0,5
(0.020)
1,0
(0.040)
8,0
(0.315)
7,0
(0.280)
6,25
±0,1
(0.246
±0.004)
4,65
±0,1
(0.183
±0.004)
4,75
±0,1
(0.187
±0.004)
7,55+0,0/-0.05
(0.297+0.000/-0.001)
3,0
±0,1
(0.118
±0.004)
1,0
±0,1
(0.039
±0.004)
0.10 A
2,0+0,1/-0,1
(0.0787+0.004/-0.004)
45˚
±1˚
4,75+0,0/-0,1
(0.187+0.000/-0.004)
1,7+0,0/-0,1
(0.070+0.000/-0.004)
0,5+0,0/-0,05
(0.020+0.000/-0.000)
4,75+0,0/-0,1
(0.187+0.000/-0.004)
C
B
A
C
A
C
A
A
B
9,13
(0.360)
10,88
(0.429)
11,5
(0.453)
11,0
(0.433)
5,5
(0.217)
5,08
(0.200)
2,54
(0.100)
5,08
(0.200)
5,0
(0.197)
25,7 REF
(1.012)
9,36 MIN
(0.369)
1,0+0,0/-0,1
(0.039+0.000/-0.004)
2x 0,2
(0.008)
3x ø0.97
±0,0
(0.038
±0.000)
2,40
(0.095)
8
±0,1
(0.315
±0.004)
4x ø1,4
(0.06)
2,54
(0.100)
4x 2,79
(0.110)
0,5
(0.020)
1,0
(0.040)
8,0
(0.315)
7,0
(0.276)
6,25
±0,1
(0.246
±0.004)
4,65
±0,1
(0.183
±0.004)
4,75
±0,1
(0.187
±0.004)
7,55+0/-0,05
(0.298+0.000/-.001)
3,0
±0,1
(0.118
±0.004)
1,0
±0,1
(0.039
±0.004)
0.10 A
2+0,0/-0,1
(0.0787+0.000/-0.004)
45˚
±1˚
4,75+0,0/-0,1
(0.187+0.000/-0.004)
0,5+0,1/-0.05
(0.020+0.004/-0.000)
1,7+0,1/-0,1
(0.067+0.004/-0.004)
4,75+0,0/-0,1
(0.187+0.000/-0.004)
2,7
(0.107)
C
B
A
C
A
C
A
A
B
1 Way, Part Number: T112220-0008
1 Way, Part Number: T112220-0009
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
North America
Tel: 800.683.7666
United Kingdom
Tel: 44.1256.311200
Hong Kong
Tel: 852.2732.2720



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com