Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2UOAMBC Datasheet(PDF) 3 Page - ITT Industries

Part # F2UOAMBC
Description  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UOAMBC Datasheet(HTML) 3 Page - ITT Industries

  F2UOAMBC Datasheet HTML 1Page - ITT Industries F2UOAMBC Datasheet HTML 2Page - ITT Industries F2UOAMBC Datasheet HTML 3Page - ITT Industries F2UOAMBC Datasheet HTML 4Page - ITT Industries F2UOAMBC Datasheet HTML 5Page - ITT Industries F2UOAMBC Datasheet HTML 6Page - ITT Industries F2UOAMBC Datasheet HTML 7Page - ITT Industries F2UOAMBC Datasheet HTML 8Page - ITT Industries F2UOAMBC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A–91
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
C&K F Series
Pushbutton Switches
SWITCHES WITH STANDARD OPTIONS
Order Code - Chassis
To order a switch with chassis, create the switch part number listed above and add the Chassis part number configurator
information at the end of the part number.
Note: We do not guarantee or recommend interlocking beyond 10 stations.
No. of Stations
01 thru 23 Comes with standard
.094 (2,4mm) mounting holes
Note: Single station chassis
available with special mounting
configurations, consult factory.
Spacing between Stations
00
Single station
10
10mm
12.5
12.5mm
15
15mm
17.5
17.5mm
20
20mm
Special Acknowledgements
See note
C
*Minimum order quantities apply.
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
LENGTH
DIM ‘L’
CONTACT
ARRANGEMENT
2U
0.827 (21,00)
4U
1.300 (33,00)
6U
1.770 (45,00)
8U
2.240 (57,00)
10U
2.720 (69,00)
LENGTH
DIM ‘L’
CONTACT
ARRANGEMENT
ZF2UEEBF11010108
F2UEE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com