Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA511GPLFS Datasheet(PDF) 3 Page - ITT Industries

Part # TPA511GPLFS
Description  Navigation Tact Switch for SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TPA511GPLFS Datasheet(HTML) 3 Page - ITT Industries

  TPA511GPLFS Datasheet HTML 1Page - ITT Industries TPA511GPLFS Datasheet HTML 2Page - ITT Industries TPA511GPLFS Datasheet HTML 3Page - ITT Industries TPA511GPLFS Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–10
C
TPA Series
Navigation Tact Switch for SMT
ACTUATION FORCE
NAVIGATION SELECT
OPTION
CODE
ARRANGEMENT
3
Scanning 2 directions with selection
4
Scanning 4 directions without selection
5
Scanning 4 directions with selection
1 1.8 N SCANNING, 4 N SELECTION
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
3
GOLD
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
TERMINATION
G GULLWING
0,650,1 (x7)
(.026.004)
9,3
(.366)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com