Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBWB2AB Datasheet(PDF) 1 Page - ITT Industries

Part # TBWB2AB
Description  Trackball Miniature All-direction Scanning Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TBWB2AB Datasheet(HTML) 1 Page - ITT Industries

  TBWB2AB Datasheet HTML 1Page - ITT Industries TBWB2AB Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–3
C
Trackball
Miniature All-direction Scanning Switch
Electrical (select function)
MAXIMUM POWER:
0.20 VA
MIN./MAX. VOLTAGE.:
20 mVdc - 32 Vdc
MIN./MAX. CURRENT:
1.0 mA - 50mA
DIELECTRIC STRENGTH: > 200 Vrms
CONTACT RESISTANCE: < 1000 m
Ω
BOUNCE TIME:
≤ 3ms
CAPACITY:
≤ 5pF
Environmental
OPERATING TEMPERATURE: –30˚C to +85˚C
RELATIVE HUMIDITY:
90 to 95% HR
According to NF EN 60068-2-30
SCANNING OPERATING LIFE: 300,000 cycles in each 4 main directions
SELECT OPERATING LIFE:
≥ 500,000 cycles
VIBRATIONS:
10 to 500Hz – 5G – 23 min. per axis
MECHANICAL SHOCKS:
According to NF EN 60068-2-27
OVERLOAD:
20 N
Additional Data: Storage and handling environment
PACKAGING CONDITIONS:
Standard ITT trays
TRANSPORT CONDITIONS:
According to specification NF H00-060
STORAGE TEMPERATURE:
–30˚C to +85˚C
SHEAR TEST (SWITCH/PCB): N/A
Construction
FUNCTION:
All-direction scanning + select
CONTACT TYPE:
Normally open
TERMINALS:
Flex with 11 terminals
Mechanical
SCANNING
ROTATING FORCE:
0.35 N ± 0.1 N
SELECT
SELECTING FORCE:
2.2 N ± 25%
TACTILE FEELING:
≥ 30%
ELECTRICAL TRAVEL (Te):
0.24 mm ± 0.05 mm
SIMULTANEITY (Tm – Te):
≤ 0.12 mm
TOTAL TRAVEL:
0.33 mm ± 0.05 mm
Physical Data
DIMENSIONS & LAYOUT: According to drawing on next page
MASS:
1.2g ± 0.1g
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications listed above are for switches with standard options.
For information concerning design integration, please contact your local ITT representative.
How To Order
To order, simply select desired option from each category and place in the appropriate box. For additional options not
shown in catalog, consult our Customer Service Center.
Features/Benefits
• 8 mm ball ergonomic design allows
ease of use in all directions
• Positive tactile feedback
• Integrated lighting (up to 2 LEDs)
• Extensive lighting color choice
• Customized number of pulses
per rotation
• ESD protected
• RoHS compliant
• IP54
Typical Applications
• Mobile phones
• Remote controls
• Navigation systems
• Keyboards, notebooks,
PC mouse
• Cameras, camcorders
• PDA’s
• Game controllers
Designation
TB
Color of Ball
W White
Pulse Number
B 12
Dome Force
2 2.2N ± 25%
Flex
A
2nd LED
1st LED
For each LED, once the
common wiring is defined
(Cathode or Anode).
C
A
C
A
C
A
NEW!
T
B
W
B
2
A
(has to be the same for both LEDs)
COMMON
Anode
Cathode
Code
Status
0
No Led
1
Green
2
Orange
3
Blue
4
Red
O
No Led
G
Green
A
Orange
B
Blue
R
Red


Similar Part No. - TBWB2AB

ManufacturerPart #DatasheetDescription
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
Miniature All-direction Navigation Switch
More results

Similar Description - TBWB2AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2161 STMICROELECTRONICS-STV2161 Datasheet
1Mb / 19P
VIDEO SCANNING PSI PROCESSOR
logo
ITT Industries
TPC1133GLFG ITT-TPC1133GLFG Datasheet
315Kb / 3P
Tri-direction Scan Switch
logo
C&K Components
TPC CK-COMPONENTS-TPC Datasheet
373Kb / 3P
Tri-direction Scan Switch
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
Powerful Scanning Performance
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
miniature switch
G84-5400 CHERRY-G84-5400 Datasheet
432Kb / 2P
XS Trackball Keyboard
logo
ON Semiconductor
LC75700T ONSEMI-LC75700T Datasheet
359Kb / 17P
Key Scanning IC
June 2017 - Rev. 1
logo
IOGEAR
GKB635W IOGEAR-GKB635W Datasheet
180Kb / 2P
Wireless Smart TV Keyboard w/Trackball
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
Miniature All-direction Navigation Switch
CS CK-COMPONENTS-CS Datasheet
120Kb / 1P
4-way Adjustable Direction Switch
2 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com