Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA313GPLFS Datasheet(PDF) 4 Page - ITT Industries

Part # TPA313GPLFS
Description  Navigation Tact Switch for SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TPA313GPLFS Datasheet(HTML) 4 Page - ITT Industries

  TPA313GPLFS Datasheet HTML 1Page - ITT Industries TPA313GPLFS Datasheet HTML 2Page - ITT Industries TPA313GPLFS Datasheet HTML 3Page - ITT Industries TPA313GPLFS Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ittcannon.com
C–11
C
TPA Series
Navigation Tact Switch for SMT
5,3
(.209)
2,5+0,15/-0,10
(.098+.006/-.004)
2,25
(.089)
12,0
(.472)
2±0,05
(.079±.002)
2±0,05
(.079±.002)
ø1,5+0,1/-0,0
(.059+.004/-.000)
4,0
(.157)
ø1,5+0,25/-0,0
(.059+.010/-.000)
0,343±0,05
(.014±.002)
8,4
(.331)
A
1,2
(.047)
0,1 A
1,55+0,10/-0,05
(.061+.004/-.002)
4˚0' max.
6 faces at 15˚ max
2 faces 8˚ max.
TAPE & REEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com