Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2UGRMBC Datasheet(PDF) 4 Page - ITT Industries

Part # F2UGRMBC
Description  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UGRMBC Datasheet(HTML) 4 Page - ITT Industries

  F2UGRMBC Datasheet HTML 1Page - ITT Industries F2UGRMBC Datasheet HTML 2Page - ITT Industries F2UGRMBC Datasheet HTML 3Page - ITT Industries F2UGRMBC Datasheet HTML 4Page - ITT Industries F2UGRMBC Datasheet HTML 5Page - ITT Industries F2UGRMBC Datasheet HTML 6Page - ITT Industries F2UGRMBC Datasheet HTML 7Page - ITT Industries F2UGRMBC Datasheet HTML 8Page - ITT Industries F2UGRMBC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A–92
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K F Series
Pushbutton Switches
DESIGNATION
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
TERMINAL SEALING
PC MOUNTING
TB
TOP & BOTTOM
(NONE)
NO SEAL
F2UEE shown in example above.
NOTE: Available for North America only
Momentary
Alternate (push-push)
Interlock
OA
EE
GR
FUNCTION
OPTION CODE
Momentary
Alternate (push-push)
Interlock
Central release
Momentary with lockout
Interlock with lockout
OA
EE
GR
AOR
OASP
GRSP
FUNCTION
OPTION CODE
2X
3X
4X
5X
2PDT
4PDT
6PDT
8PDT
10PDT
2U
4U
6U
8U
10U
SCHEMATIC
NO. OF POLES
OPTION CODE
North America
Designation, North America
F
F Series
FLT Light touch F series
ZF
Central mounted F series
Designation, Europe
SF
F Series
ZF
Central mounted F series
Europe
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com