Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP02A Datasheet(PDF) 1 Page - ITT Industries

Part # SP02A
Description  Single In-line Package Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SP02A Datasheet(HTML) 1 Page - ITT Industries

  SP02A Datasheet HTML 1Page - ITT Industries SP02A Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-18
I
1
23456
78
.070
(1,79)
.028
(0,71)
.039
(0,99)
.009
(0,25)
.028
(0,71)
.100
(2,54)
DIM 'A'
.800
(20,32)
.012
(0,30)
.020
(0,50)
.035
(0,89)
.125
(3,18)
.196
(4,99)
.141
(3,6)
.100
(2,54)
Ø.032 TYP.
(0,81)
DIM 'B'
.100
(2,54)
How To Order
Complete part numbers for SP Series standard profile SIP Switches are shown on pages I-18 thru I-19.
Specifications
CONTACT RATING:
Carry: 100 mA
Switching: 10 mA
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles min.
CONTACT RESISTANCE: 50 M
Ω max. @ 20 V DC 10mA.
INSULATION RESISTANCE: 100 M
Ω min. @ 100 V DC.
DIELECTRIC STRENGTH: 1 minute @ 300 V AC.
CAPACITANCE: 5pF max. between adjacent terminals.
OPERATING TEMPERATURE: -20°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Dip & look solderability testing per C&K spec.
#448. Unplated edges of terminals permitted.
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model.
Materials
HOUSING AND COVER: PBT resin (UL94V-0).
RoHS, Version PPS (UL94V-0).
ACTUATOR: 4/6 Nylon (UL 94V-0).
MOVABLE CONTACT: Beryllium copper alloy, gold over nickel plate.
FIXED CONTACT: Copper alloy, nickel minimum plated.
CLIP: Tin plated phosphor bronze wire. Phosphor bronze, nickel
minimum plated.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
ROHS
TIN LEAD
PART
PART
QUANITY
NUMBER
NUMBER
NO. POS.
DIM. ‘A’
DIM. ‘B’
PER TUBE
SP02B
SP02
2
.298 (7,58)
.200 (5,08)
60
SP04B
SP04
4
.498 (12,66)
.400 (10,16)
35
SP06B
SP06
6
.698 (17,74)
.600 (15,24)
25
SP08B
SP08
8
.898 (22,82)
.800 (20,32)
20
SP10B
SP10
10
1.098 (27,9)
1.000 (25,40)
15
Schematic
SPST
C&K SP Series
Single In-line Package Switches
Features/Benefits
• Thin Single In-line Packaging saves
PCB space
• Retention feature holds part to PCB
prior to soldering
• Available in vertical or right angle
models
• High pressure contact system
does not require tape sealing
• RoHS compliant - options available
SP08
Vertical
Typical Applications
• Address switch for industrial
controls
• Logic switching for computers
and peripherals
• Function controlling for
numerous applications


Similar Part No. - SP02A

ManufacturerPart #DatasheetDescription
logo
C&K Components
SP02A CK-COMPONENTS-SP02A Datasheet
166Kb / 2P
Single In-line Package Switches
2006
logo
Amphenol Corporation
SP02A-12-10PZ-003 AMPHENOL-SP02A-12-10PZ-003 Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
12-070-20
SP02A-20-41PW003 AMPHENOL-SP02A-20-41PW003 Datasheet
408Kb / 7P
Proprietary/MIL-C-26482, Series 1
SP02A-20-41PW005 AMPHENOL-SP02A-20-41PW005 Datasheet
408Kb / 7P
Proprietary/MIL-C-26482, Series 1
SP02A-20-41PX003 AMPHENOL-SP02A-20-41PX003 Datasheet
408Kb / 7P
Proprietary/MIL-C-26482, Series 1
More results

Similar Description - SP02A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
160Kb / 5P
Dual In-line Package Type Switches
logo
GREATECS
DX19 GREATECS-DX19 Datasheet
209Kb / 1P
Single In Line DIP Switches (SIP Switches)
logo
C&K Components
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
Single In-line Package Switches
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
Single In-line Package
logo
C&K Components
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
Single In-line Package Switches
2006
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
Single In-line Package Switches
26 Aug 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com