Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC01SCM40A Datasheet(PDF) 1 Page - ITT Industries

Part # VSC01SCM40A
Description  19 Pin Connectors for Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VSC01SCM40A Datasheet(HTML) 1 Page - ITT Industries

  VSC01SCM40A Datasheet HTML 1Page - ITT Industries VSC01SCM40A Datasheet HTML 2Page - ITT Industries VSC01SCM40A Datasheet HTML 3Page - ITT Industries VSC01SCM40A Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Veam VSC Series
19 Pin Connectors for
Lighting Applications
Electronic Components


Similar Part No. - VSC01SCM40A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC040P03MS VBSEMI-VSC040P03MS Datasheet
501Kb / 9P
P-Channel 30 V (D-S) MOSFET
VSC045N04MS VBSEMI-VSC045N04MS Datasheet
483Kb / 9P
N-Channel 40 V (D-S) MOSFET
logo
Maxim Integrated Produc...
VSC050XKM-01 MAXIM-VSC050XKM-01 Datasheet
763Kb / 79P
Two-Wire Serial Backplane Controller
Revision 4.0 November 10, 2004
logo
Vitesse Semiconductor C...
VSC055 VITESSE-VSC055 Datasheet
408Kb / 2P
Enhanced I2C Backplane Controller
logo
Maxim Integrated Produc...
VSC056 MAXIM-VSC056 Datasheet
1Mb / 134P
Enhanced Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
More results

Similar Description - VSC01SCM40A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
Inverter Lighting Applications
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
specifically designed for LED lighting and decorative LED lighting applications
logo
List of Unclassifed Man...
120-277-275 ETC2-120-277-275 Datasheet
229Kb / 1P
Step Up Autotransformers for Lighting Applications
480-347-277-125VA ETC2-480-347-277-125VA Datasheet
433Kb / 1P
Step Down Autotransformers for Lighting Applications
logo
Marl International Limi...
LA1012 MARL-LA1012 Datasheet
162Kb / 1P
For High Power LED Lighting Applications
logo
STMicroelectronics
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
logo
Marl International Limi...
LA1012 MARL-LA1012_15 Datasheet
162Kb / 1P
For High Power LED Lighting Applications
logo
List of Unclassifed Man...
120:277-275VA ETC2-120:277-275VA Datasheet
755Kb / 1P
Step-Up Autotransformers for Lighting Applications
480:347:277-125VA ETC2-480:347:277-125VA Datasheet
641Kb / 1P
Step-Down Autotransformers for Lighting Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com