Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203CCCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16203CCCZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203CCCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16203CCCZ Datasheet HTML 17Page - Analog Devices ADIS16203CCCZ Datasheet HTML 18Page - Analog Devices ADIS16203CCCZ Datasheet HTML 19Page - Analog Devices ADIS16203CCCZ Datasheet HTML 20Page - Analog Devices ADIS16203CCCZ Datasheet HTML 21Page - Analog Devices ADIS16203CCCZ Datasheet HTML 22Page - Analog Devices ADIS16203CCCZ Datasheet HTML 23Page - Analog Devices ADIS16203CCCZ Datasheet HTML 24Page - Analog Devices ADIS16203CCCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADIS16203
Rev. 0 | Page 21 of 28
MISCELLANEOUS CONTROL REGISTER
The MSC_CTRL control register governs the operation of several
miscellaneous features: using the general purpose I/O for data-ready
(DR) hardware I/O function, reversing the polarity of rotation
(clockwise vs. counter clockwise), and self-test. The control bits for
each of these functions are described in Table 21.
The operation of the data-ready hardware I/O function is very similar to
the alarm hardware I/O function (controlled through the ALM_CTRL
control register). In this case, the MSC_CTRL register can be used in
setting up one of the GPIO pins to serve as the hardware output pin
that indicates when the sampling, conversion, and processing of the
data output variables have been completed. This register provides
the ability to enable the data-ready hardware function and establish
its polarity.
The data-ready hardware I/O pin is reset automatically to an inactive
state part way through the next conversion cycle, resulting in a pulse
train with a duty cycle varying from ~15% to 35%, depending upon
the sample period setting. Upon completion of the next data processing
cycle, the data ready hardware I/O line is set to 1.
The MSC_CTRL, ALM_CTRL, and GPIO_CTRL control registers
can influence the same GPIO pins. A priority level has been established
to avoid conflicting assignments of the two GPIO pins. This priority
level is defined as MSC_CTRL and has precedence over ALM_CTRL,
which has precedence over GPIO_CTRL.
The self-test operation exercises the base accelerometer’s mechanical
structure and establishes a mechanical diagnostic test. The self-test
offers the ability to have the ADIS16203 run an internal diagnostic
test, which returns a pass/fail condition (see the STATUS register
definition of Bit 5 in Table 19). This feature also provides the ability
to observe the incline angle outputs during the self-test function,
which is nominally 37°, regardless of the incline angle of the device.
Note that a self-test changes the contents of SMPL_TIME to improve
the speed of this test. Upon completion, the ADIS16203 restores the
original contents to SMPL_TIME.
MSC_CTRL Register Definition
Address
Default1
Format
Access
0x35, 0x34
0x0000
N/A
R/W
1 Default is valid only until the first register write cycle.
The 16-bit miscellaneous control register is used in the controlling
of the self-test and data-ready hardware functions. This includes
turning on and off the self-test function, as well as configuring
the data-ready function. For the data-ready function, the written
values are nonvolatile, allowing for data recovery upon reset.
The self-test data is volatile and is set to 0s upon reset. This
register has read/write capability.
Table 21. MSC_CTRL Bit Descriptions
Bit
Description
15:11
Not used
10
No Self-Test on Power-Up
1: No self-test on power-up or reset
0: Self-test on power-up enabled (typically requires
approximately 13 ms in high performance mode and
approximately 35 ms in low power mode with every
power-up or reset)
9
Reverse Rotation
1: Reverses rotation of both inclination outputs
0: Normal operation
8
Self-Test Enable
1: ST enabled (continuous self-test)
0: ST disabled
7:3
Not used
2
Data-Ready Enable
1: DR enabled
0: DR disabled
1
Data-Ready Polarity
1: Active high
0: Active low
0
Data-Ready Line Select
1: DIO1
0: DIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com