Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTAC22206SSDFS Datasheet(PDF) 4 Page - ITT Industries

Part # RTAC22206SSDFS
Description  1-4 Poles Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTAC22206SSDFS Datasheet(HTML) 4 Page - ITT Industries

  RTAC22206SSDFS Datasheet HTML 1Page - ITT Industries RTAC22206SSDFS Datasheet HTML 2Page - ITT Industries RTAC22206SSDFS Datasheet HTML 3Page - ITT Industries RTAC22206SSDFS Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
L–11
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTA Series
1-4 Poles Coded Rotary Switches
L
M10 METRIC
PANEL MOUNTING
ACTUATOR
MOUNTING STYLE
CONTACT MATERIAL
AD
WITH BUSHING
SD
WITHOUT BUSHING
M25
FLAT SHAFT
F
SCREWDRIVER SLOT
50
0,50 mm (1.97)
25
0,25 mm (.984)
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
S
SWITCH: 150 mA MAXIMUM, 60 V NOMINAL.
LOW LEVEL/DRY CIRCUIT
OR POWER
G
SILVER
LOW LEVEL/DRY CIRCUIT
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
POWER: 5 VA MAXIMUM. CARRY-5 AMPS MAXIMUM.
SWITCH: 20 mA MAXIMUM, 25 V NOMINAL.
POWER: 0.5 VA MAXIMUM. CARRY: 1 AMP MAXIMUM.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com