Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4863-S18-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L4863-S18-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4863-S18-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L4863-S18-R Datasheet HTML 1Page - Unisonic Technologies L4863-S18-R Datasheet HTML 2Page - Unisonic Technologies L4863-S18-R Datasheet HTML 3Page - Unisonic Technologies L4863-S18-R Datasheet HTML 4Page - Unisonic Technologies L4863-S18-R Datasheet HTML 5Page - Unisonic Technologies L4863-S18-R Datasheet HTML 6Page - Unisonic Technologies L4863-S18-R Datasheet HTML 7Page - Unisonic Technologies L4863-S18-R Datasheet HTML 8Page - Unisonic Technologies L4863-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L4863
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R107-050,A
TYPICAL APPLICATION CIRCUIT
SLEEVE
AMP 1A
VDD
CS
0.1µF
TANT
RF
20KΩ
RI
20KΩ
Audio
Input
CI
1μF
-
+
20KΩ
20KΩ
20KΩ
-OUT A 5
3
+OUT A
RL
8Ω
CO
100µF
+
1kΩ
To HP-IN Circuit
50KΩ
50KΩ
VDD/2
-IN A
+IN A
Bypass
-IN B
+IN B
Shutdown
1
16
GND 2,7,15
100KΩ
20KΩ
RF
20KΩ
CI
1μF
Audio
Input
100kΩ
VDD
To Control Pin on
Headphone jack
20KΩ
20KΩ
20KΩ
-OUT B
+OUT B
12
14
RL
8Ω
+
1kΩ
CONTROL PIN
HEADPHONE JACK
TIP
10
11
9
8
6
4,13
AMP 1B
-
+
AMP 2A
-
+
AMP 2B
-
+
HP-IN
RING
CB
(CB size)
0.33μF
+
RI
CO
100µF
Note: Pin out shown for DIP-16 and SOP-16 packages. Refer to the PIN CONFIGURATION for the pin out of other
packages.
Figure 1.Typical Audio Amplifier Application Circuit
EXTERNAL COMPONENTS DESCRIPTION
Components
Functional Description
RI
The inverting input resistance, along with RF, set the closed-loop gain. RI, along with CI form a high
pass filter with fc=1/(2πRICI)
CI
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. CI, along with RI,
create a high pass filter with fc=1/(2πRICI). Refer to the section. Selecting Proper External
Components, for an explanation of determine the value of CI.
RF
The feedback resistance, along with RI, set the closed-Ioop gain.
CS
The supply bypass capacitor. Refer to the Power Supply Bypassing section for information about
properly placing and selecting the value of, this capacitor.
CB
The capacitor, CB, filters the half-supply voltage present on the Bypass pin. Refer to the Selecting
Proper External Components section for information concerning proper placement and selecting
CB’S value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com