Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2298 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2298
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298 Datasheet(HTML) 4 Page - Linear Technology

  LTC2298 Datasheet HTML 1Page - Linear Technology LTC2298 Datasheet HTML 2Page - Linear Technology LTC2298 Datasheet HTML 3Page - Linear Technology LTC2298 Datasheet HTML 4Page - Linear Technology LTC2298 Datasheet HTML 5Page - Linear Technology LTC2298 Datasheet HTML 6Page - Linear Technology LTC2298 Datasheet HTML 7Page - Linear Technology LTC2298 Datasheet HTML 8Page - Linear Technology LTC2298 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2298/LTC2297/LTC2296
4
229876f
DIGITAL I PUTS A D DIGITAL OUTPUTS The ● denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
I TER AL REFERE CE CHARACTERISTICS (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.475
1.500
1.525
V
VCM Output Tempco
±30
ppm/°C
VCM Line Regulation
2.7V < VDD < 3.3V
3
mV/V
VCM Output Resistance
–1mA < IOUT < 1mA
4
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (CLK, OE, SHDN, MUX)
VIH
High Level Input Voltage
VDD = 3V
●
2V
VIL
Low Level Input Voltage
VDD = 3V
●
0.8
V
IIN
Input Current
VIN = 0V to VDD
●
–10
10
µA
CIN
Input Capacitance
(Note 7)
3
pF
LOGIC OUTPUTS
OVDD = 3V
COZ
Hi-Z Output Capacitance
OE = High (Note 7)
3
pF
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = 3V
50
mA
VOH
High Level Output Voltage
IO = –10µA
2.995
V
IO = –200µA
●
2.7
2.99
V
VOL
Low Level Output Voltage
IO = 10µA
0.005
V
IO = 1.6mA
●
0.09
0.4
V
OVDD = 2.5V
VOH
High Level Output Voltage
IO = –200µA
2.49
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –200µA
1.79
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com