Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC01PCB01 Datasheet(PDF) 3 Page - ITT Industries

Part # VSC01PCB01
Description  19 Pin Connectors for Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VSC01PCB01 Datasheet(HTML) 3 Page - ITT Industries

  VSC01PCB01 Datasheet HTML 1Page - ITT Industries VSC01PCB01 Datasheet HTML 2Page - ITT Industries VSC01PCB01 Datasheet HTML 3Page - ITT Industries VSC01PCB01 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Male (pin) copper alloy, gold plated.
Accommodates wire size 12 to 14 AWG
P/N 49102T58 male crimp
P/N 49150T58 male solder
Female (socket) copper alloy, gold plated.
Accommodates wire sizes 12 to 14 AWG.
P/N 49103T58 female crimp
P/N 49151T58 female solder
Panel Gasket
Crimp
Solder
Neoprene .063” thickness, for use
with male or female panel mount.
P/N 98901
Contacts
Female Connectors
Inline complete with an aluminum backshell and a
compression grip cable seal (see cable range page 2).
Both solder or crimp contacts available.
Inline complete with an aluminum backshell and a
break out strain relief system (see cable range page
2). Both solder or crimp contacts available.
Panel receptacle (see mounting hole dimensions on
page 2). Both solder or crimp contacts
available.
Ground Disc
Ground disc is a perforated press-on metal disc used to buss together the ground ring
of contacts used in a 6 circuit cable system
.
P/N 99197-6-10T12
1. Crimp tool frame A manual ratchet action crimper with 4-point indent. Guarantees
repeatable gas-tight crimp connections. Specify P/N AF8
2. Contact positioner A turret used to position the contacts for proper crimp location.
Specify P/N A98906VSC
3 Insertion tool Used to install contacts from the rear of the insert. Specify P/N 46736
4. Extraction tool kit Consists of a handle with two tips and is used to push out both male
and female contacts from the front of the connector. Specify P/N A43240VSC
5. Hex wrench Used to attach the turret to the crimp tool frame. Specify P/N M2700-420
Pneumatic crimp tools also available.
Assembly Tools
1
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com