Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2UGRBC Datasheet(PDF) 10 Page - ITT Industries

Part # F2UGRBC
Description  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UGRBC Datasheet(HTML) 10 Page - ITT Industries

Back Button F2UGRBC Datasheet HTML 2Page - ITT Industries F2UGRBC Datasheet HTML 3Page - ITT Industries F2UGRBC Datasheet HTML 4Page - ITT Industries F2UGRBC Datasheet HTML 5Page - ITT Industries F2UGRBC Datasheet HTML 6Page - ITT Industries F2UGRBC Datasheet HTML 7Page - ITT Industries F2UGRBC Datasheet HTML 8Page - ITT Industries F2UGRBC Datasheet HTML 9Page - ITT Industries F2UGRBC Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
A–98
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K F Series
Pushbutton Switches
CHASSIS
.591
(15,0)
NO. OF STATIONS
SPACING
SPACING
0.015
6.339
(161,01)
6.103
(155,02)
10
0.015
5.749
(146,02)
5.513
(140,03)
9
0.015
5.158
(131,01)
4.922
(125,02)
8
0.015
4.568
(116,03)
4.332
(110,03)
7
0.015
3.977
(101,02)
3.741
(95,02)
6
0.010
3.386
(86,00)
3.150
(80,01)
5
0.010
2.796
(71,02)
2.560
(65,02)
4
0.010
2.205
(56,01)
1.969
(50,01)
3
0.005
1.615
(41,02)
1.374
(34,90)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
0.015
7.225
(183,52)
6.989
(177,52)
10
0.015
6.536
(166,01)
6.300
(160,02)
9
0.015
5.847
(148.51)
5.611
(142,52)
8
0.015
5.158
(131,01)
4.922
(125,02)
7
0.015
4.469
(113,51)
4.233
(107,52)
6
0.010
3.780
(96,01)
3.544
(90,02)
5
0.010
3.091
(78.51)
2.855
(75,52)
4
0.010
2.402
(61,01)
2.166
(55,02)
3
0.005
1.713
(43,51)
1.477
(37,52)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
0.015
8.111
(206,02)
7.875
(200,03)
10
0.015
7.323
(186,00)
7.087
(180,01)
9
0.015
6.536
(166,01)
6.300
(160,02)
8
0.015
5.748
(146,00)
5.512
(140,00)
7
0.015
4.961
(126,01)
4.725
(120,02)
6
0.010
4.174
(106,02)
3.938
(100,03)
5
0.010
3.386
(86,00)
3.150
(80,01)
4
0.010
2.599
(66,01)
2.363
(60,02)
3
0.005
1.811
(46,00)
1.575
(40,01)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
15
15mm
20
20mm
17.5
17.5mm
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com