Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLT2UGRBC Datasheet(PDF) 9 Page - ITT Industries

Part # FLT2UGRBC
Description  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FLT2UGRBC Datasheet(HTML) 9 Page - ITT Industries

Back Button FLT2UGRBC Datasheet HTML 2Page - ITT Industries FLT2UGRBC Datasheet HTML 3Page - ITT Industries FLT2UGRBC Datasheet HTML 4Page - ITT Industries FLT2UGRBC Datasheet HTML 5Page - ITT Industries FLT2UGRBC Datasheet HTML 6Page - ITT Industries FLT2UGRBC Datasheet HTML 7Page - ITT Industries FLT2UGRBC Datasheet HTML 8Page - ITT Industries FLT2UGRBC Datasheet HTML 9Page - ITT Industries FLT2UGRBC Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
A–97
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K F Series
Pushbutton Switches
CHASSIS
.394
(10,0)
.492
(12,5)
NO. OF STATIONS
SPACING
12.5
12.5mm
10
10mm
C00 Thru C10
Comes with standard 0.094 (2,44mm) mounting holes
NOTE: Single station chassis available with mounting configurations, consult factory.
NUMBER OF STATIONS
SPACING
00
SINGLE STATION
0.015
4.567
(116,00)
4.331
(110,01)
10
0.015
4.174
(106,02)
3.938
(100,03)
9
0.015
3.780
(96,01)
3.544
(90,02)
8
0.015
3.386
(86,00)
3.150
(80,01)
7
0.015
2.993
(76,02)
2.757
(70,03)
6
0.010
2.599
(66,01)
2.363
(60,02)
5
0.010
2.205
(56,01)
1.969
(50,01)
4
0.010
1.811
(46,00)
1.575
(40,01)
3
0.005
1.418
(36,02)
1.182
(30,02)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
0.015
5.373
(136,47)
5.137
(130,48)
10
0.015
4.881
(123,98)
4.645
(117,98)
9
0.015
4.389
(111,48)
4.153
(105,49)
8
0.015
3.897
(98,98)
3.661
(92,99)
7
0.015
3.405
(86,49)
3.169
(80,49)
6
0.010
2.912
(73,96)
2.676
(67,97)
5
0.010
2.420
(61,47)
2.184
(55,47)
4
0.010
1.928
(48,97)
1.692
(42,98)
3
0.005
1.436
(36,47)
1.200
(30,48)
2
Tolerance
Dim. ‘B’
Dim. ‘A’
No. of Stations
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com